Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-342M-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-342M-R1
Description  WR-34 Waveguide to 2.4 mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-342M-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-342M-R1 Datasheet HTML 1Page - Eravant SWC-342M-R1 Datasheet HTML 2Page - Eravant SWC-342M-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-342F-R1 and SWC-342M-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.3
WR-34 Waveguide to 2.4 mm Connector Adapter, Right
Angle
SWC-342F-R1 and SWC-342M-R1 are right angle (90°) WR-34
waveguide to coax adapters that cover the frequency range of 22 to 33
GHz. They are designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the rectangular waveguide and 2.4 mm coax
connector. The end launch (180°) versions are offered under model
numbers SWC-342F-E1 and SWC-342M-E1.
Electrical Specifications:
*Insertion loss is tested back-to-back with a male and female adapter, the result is divided by 2.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
22 GHz
33 GHz
Insertion Loss
0.35 dB
0.50 dB
Return Loss
17 dB
20 dB
Power Handling
50 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide Port
WR-34 Waveguide with UG-1530/U Flange
Coaxial Port
2.4 mm Female for Model Number: SWC-342F-R1
Coaxial Port
2.4 mm Male for Model Number: SWC-342M-R1
Size
0.85” (L) x 0.88” (S)
Housing Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-3R
ECCN
EAR99
FEATURES
•
Broad Band Coverage
•
Lower Insertion Loss and VSWR
•
Instrumentation Grade
•
DC Open Circuit
APPLICATIONS
•
Test Lab
•
Instrumentations
•
Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-342M-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-342M-E1 ERAVANT-SWC-342M-E1 Datasheet
317Kb / 3P
WR-34 Waveguide to 2.4 mm Connector Adapter, End Launch
Rev 1.2
More results

Similar Description - SWC-342M-R1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGK1001 PASTERNACK-PEWGK1001 Datasheet
450Kb / 3P
WR-42, WR-34 Waveguide Gasket kit Square Cover
PEWCT1000 PASTERNACK-PEWCT1000 Datasheet
464Kb / 5P
WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1044 PASTERNACK-PEWCT1044 Datasheet
538Kb / 5P
WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1047 PASTERNACK-PEWCT1047 Datasheet
538Kb / 5P
WR-34 Waveguide 50 dB Crossguide Coupler
PE-W34SF005-12 PASTERNACK-PE-W34SF005-12_V01 Datasheet
550Kb / 4P
WR-34 Seamless Flexible Waveguide
PE-W34SF005-24 PASTERNACK-PE-W34SF005-24_V01 Datasheet
550Kb / 4P
WR-34 Seamless Flexible Waveguide
PE-W34SF005-36 PASTERNACK-PE-W34SF005-36_V01 Datasheet
552Kb / 4P
WR-34 Seamless Flexible Waveguide
PE-W34TF005-12 PASTERNACK-PE-W34TF005-12_V01 Datasheet
554Kb / 4P
WR-34 Twistable Flexible Waveguide
PE-W34TF005-24 PASTERNACK-PE-W34TF005-24_V01 Datasheet
554Kb / 4P
WR-34 Twistable Flexible Waveguide
PE-W34TF005-36 PASTERNACK-PE-W34TF005-36_V01 Datasheet
557Kb / 4P
WR-34 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com