Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPHF1 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CMPHF1
Description  Open-Access™ Cable Management System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMPHF1 Datasheet(HTML) 1 Page - PANDUIT CORP.

  CMPHF1 Datasheet HTML 1Page - PANDUIT CORP. CMPHF1 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Cable management solutions shall be capable of
managing cable on the front and rear of any
standard EIA 19" rack or cabinet. Panels shall be
constructed of a steel panel with plastic D-rings
attached. Horizontal D-rings shall snap into panels
and vertical D-rings shall be screw mounted to rack.
Horizontal panels shall have pass-through holes and
shall be available in both front and rear versions and
front only versions.
Open-Access™ Cable Management System
SPECIFICA TION SHEET
technical information
D-ring
mounting options:
Horizontal D-rings snap into Open-Access™ panels only; vertical
D-rings screw into EIA racks
Panel mounting options: Mount to any EIA 19" rack or cabinet
Packaging:
Cable management panels include horizontal D-rings pre-installed
onto panels and #12-24 mounting hardware
key features and benefits
Modular, snap-in D-rings Provides flexibility for system requirements
Flexible D-rings
Allows easy access to cables for moves, adds, and changes
Rounded D-rings
Prevents cable snags
Cable pass-through
holes on panels
Provides ease of installation and cable maintenance
Available in a variety
of styles
Suitable for large and small cabling installations
Lightweight,
sturdy construction
Easy to work with while still providing durability
Optional snap-on cover
Provides an aesthetically pleasing solution
applications
Panduit® Open-Access™ Cable
Management components offer an
economical cable management solution
for current and future applications. D-rings
provide an "open" and efficient way to
manage cable on any standard EIA 19"
rack or cabinet. The panels can be used
in multimedia applications with all coax,
copper and fiber optic cables
The Open-Access™ System offers increased
flexibility due to the modularity of the D-rings.
Components can be easily added as system
requirements grow, providing the lowest
installed cost. The Open-Access™ Cable
Management System can be used with
Mini-Com® Modular Patch Panels, Opticom®
Enclosures and NetRunner™ Vertical Cable
Management and Racks for a total system
solution now and in the future.
Open-Access™
Cable Management System
2 Rack Space Panel, Front and Rear
19" 3 x 3 D-rings
on front and 3 x 5
D-rings on rear:
CMPH2
2 Rack Space Panel, Front Only
19" 3 x 3 D-rings:
CMPHF2
19" 3 x 5 D-rings:
CMPHH2
2 Rack Space Panel, Front and Rear
19" 1.5 x 3 D-rings
on front and
1.5 x 5 on rear:
CMPH1
1 Rack Space Panel, Front Only
19" 1.5 x 3 D-rings: CMPHF1
19" 1.5 x 5 D-rings: CMPHHF1
2 Rack Space Horizontal D-Rings
3 x 3:
CMDRH2
1 Rack Space Horizontal D-Rings
1.5 x 3:
CMDRH1
Vertical D-Rings
2 RU:
CMVDR2
1 RU:
CMVDR1
Center:
CMVDRC
Covers 2
19" 2 RU:
CMPH2C
19" 1 RU:
CMPH1C
Part Number
RU
Height
in (mm)
Width
in (mm)
Depth
in (mm)
CMPHF1
1
1.7 (43)
19 (482)
3.4 (87)
CMPHF2
2
3.5 (88)
19 (482)
3.4 (87)
CMPHHF1
1
1.7 (43)
19 (482)
5.4 (137)
CMPHH2
2
3.5 (88)
19 (482)
5.4 (137)
CMPH1
1
1.7 (43)
19 (482)
8.6 (218)
CMPH2
2
3.5 (88)
19 (482)
8.6 (218)


Similar Part No. - CMPHF1

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
CMP ISABELLENHUETTE-CMP Datasheet
1Mb / 4P
Precision resistors
logo
Bourns Electronic Solut...
CMP BOURNS-CMP Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
logo
3M Electronics
CMP 3M-CMP Datasheet
169Kb / 6P
Film Applicators for Textured Surfaces
March 2008
logo
Analog Devices
CMP-02 AD-CMP-02 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
CMP-02 AD-CMP-02_15 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
More results

Similar Description - CMPHF1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782 Datasheet
1Mb / 20P
System Management Microcontroller
Rev 0; 6/10
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
System Management Microcontroller
Rev 1; 11/11
MAX31782 MAXIM-MAX31782_12 Datasheet
1Mb / 20P
System Management Microcontroller
Rev 2; 1/12
logo
PANDUIT CORP.
CMRPSH15 PANDUIT-CMRPSH15 Datasheet
349Kb / 2P
NETFRAME Cable Management Rack System
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
Central Management System
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
PHOENIX CONTACT
2700972 PHOENIX-2700972 Datasheet
56Kb / 2P
Access protection with user management
2701314 PHOENIX-2701314 Datasheet
56Kb / 2P
Access protection with user management
logo
Hubbell Incorporated.
HPWW0204S HUBBELL-HPWW0204S Datasheet
1Mb / 12P
Wire Basket Tray System Cable Management
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com