Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPHHF1 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CMPHHF1
Description  Open-Access™ Cable Management System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMPHHF1 Datasheet(HTML) 2 Page - PANDUIT CORP.

  CMPHHF1 Datasheet HTML 1Page - PANDUIT CORP. CMPHHF1 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2016 Panduit Corp.
ALL RIGHTS RESERVED.
RKSP140--WW-ENG
Replaces WW-RKSP18
4/2016
Open-Access™ Cable Management System
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
CMPH1
CMPH2
CMPHF1
CMPHF2
CMPHHF1
CMPHH2
CMDRHD2
CMVDR2
Part Number
Front
Rear
Channel
Area (in2)
Cat. 6A
(28AWG -
0.185")
Cat. 6A
(24AWG -
0.275")
Cat. 6
(28AWG -
0.150")
Cat. 6
(24AWG -
0.235")
Channel
Area (in2)
Cat. 6A
(28AWG -
0.185")
Cat. 6A
(24AWG -
0.275")
Cat. 6
(28AWG -
0.150")
Cat. 6
(24AWG -
0.235")
CMPH1
2.2
32
14
49
20
2.9
43
19
65
26
CMPHF1
-
-
-
-
-
CMPH2
5.9
87
39
133
54
10.9
161
73
245
100
CMPHF2
-
-
-
-
-
CMPHH2
10.9
161
73
245
100
-
-
-
-
-
CMPHHF1
2.9
43
19
65
26
-
-
-
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com