Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9665 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9665
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9665 Datasheet HTML 17Page - NXP Semiconductors PCA9665 Datasheet HTML 18Page - NXP Semiconductors PCA9665 Datasheet HTML 19Page - NXP Semiconductors PCA9665 Datasheet HTML 20Page - NXP Semiconductors PCA9665 Datasheet HTML 21Page - NXP Semiconductors PCA9665 Datasheet HTML 22Page - NXP Semiconductors PCA9665 Datasheet HTML 23Page - NXP Semiconductors PCA9665 Datasheet HTML 24Page - NXP Semiconductors PCA9665 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
21 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
30h
Data byte in I2CDAT
has been transmitted;
NACK has been
received
Load data byte or 0
0
0
X
0
Data byte will be transmitted;
ACK/NACK will be received
no I2CDAT action
or
1
0
0
X
0
Repeated START will be transmitted;
no I2CDAT action
or
0
1
0
X
0
STOP condition will be transmitted;
STO flag will be reset
no I2CDAT action 1
1
0
X
0
STOP condition followed by a START
condition will be transmitted;
STO flag will be reset
38h
Arbitration lost in
SLA+W or Data bytes
No I2CDAT
action or
000
0
0
I2C-bus will be released;
PCA9665 will enter Slave mode.
No I2CDAT
action or
000
1
0
I2C-bus will be released;
PCA9665 will enter the Slave mode.
No I2CDAT
action
1
0
0
X
0
A START condition will be
transmitted when the bus becomes
free
Table 27.
Master Transmitter Byte mode (MODE = 0) …continued
Status
code
(I2CSTA)
Status of the
I2C-bus and the
PCA9665
Application software response
Next action taken by the PCA9665
To/from I2CDAT
To I2CCON
STA STO SI
AA
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com