Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9665D Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 41Page - NXP Semiconductors PCA9665D Datasheet HTML 42Page - NXP Semiconductors PCA9665D Datasheet HTML 43Page - NXP Semiconductors PCA9665D Datasheet HTML 44Page - NXP Semiconductors PCA9665D Datasheet HTML 45Page - NXP Semiconductors PCA9665D Datasheet HTML 46Page - NXP Semiconductors PCA9665D Datasheet HTML 47Page - NXP Semiconductors PCA9665D Datasheet HTML 48Page - NXP Semiconductors PCA9665D Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
45 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.4.4 Slave Transmitter Buffered mode
In the Slave Transmitter Buffered mode, a number of data bytes are transmitted to a
master receiver several bytes at a time (see Figure 14). Data transfer is initialized as in the
Slave Receiver Buffered mode. When I2CADR and I2CCON have been initialized, the
PCA9665 waits until it is addressed by its own slave address followed by the data direction
bit which must be ‘1’ (R) for the PCA9665 to operate in the Slave Transmitter mode. After
its own slave address and the R bit have been received, the Serial Interrupt flag (SI) is set,
the Interrupt line (INT) goes LOW and I2CSTA is loaded with A8h. This status code is
used to vector to an interrupt service routine, and the appropriate action to be taken is
detailed in Table 41.
The Slave Transmitter Buffered mode may also be entered if arbitration is lost while the
PCA9665 is in the master mode. See state B0h and appropriate actions in Table 41.
The byte count register (I2CCOUNT) is programmed with the number of bytes that need
to be sent in a single sequence (BC[6:0]) as shown in Table 39. LB bit is only used for the
Receiver Buffered modes and can be programmed to either logic 0 or logic 1.
If the AA bit is reset during a transfer, the PCA9665 will transmit all the bytes of the
transfer (values defined by BC[6:0]) and enter state C8h. The PCA9665 is switched to the
not addressed slave mode and will ignore the master receiver if it continues the transfer.
Thus the master receiver receives all ‘1’s as serial data. While AA is reset, the PCA9665
does not respond to its own slave address. However, the I2C-bus is still monitored, and
address recognition may be resumed at any time by setting AA. This means that the AA
bit may be used to temporarily isolate the PCA9665 from the I2C-bus.
(1) See Table 31.
(2) Defined state when the number of bytes sent is equal to the value in I2CCOUNT register.
(3) Defined state when a NACK is received. The number of bytes transmitted is lower than or equal to the value in the
I2CCOUNT register.
(4) Defined state after the last byte has been transmitted and the PCA9665 goes to the non-addressed mode (AA = 0) and an
ACK is received. The number of bytes that are transmitted is equal to the value in I2CCOUNT register.
Fig 14. Format and states in the Slave Transmitter Buffered mode (MODE = 1)
S
SLA
R
A
DATA
A
P or S
B8h
F8h
002aab662
reception of own
slave address and
transmission of one
or more data bytes
arbitration lost as MST and
addressed as slave
n
This number (contained in I2CSTA) corresponds
to a defined state of the I2C-bus.(1)
DATA
A
any number of data bytes and
their associated Acknowledge bits
from master to slave
from slave to master
DATA
A
C0h
P or S
F8h
A
C8h
on STOP
on STOP
A
B0h
last data byte transmitted;
switched to Not Addressed slave
(AA bit in I2CCON = 0)
ALL '1's
(2)
(3)
(4)
A8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com