Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9673D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9673D
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9673D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9673D Datasheet HTML 5Page - NXP Semiconductors PCA9673D Datasheet HTML 6Page - NXP Semiconductors PCA9673D Datasheet HTML 7Page - NXP Semiconductors PCA9673D Datasheet HTML 8Page - NXP Semiconductors PCA9673D Datasheet HTML 9Page - NXP Semiconductors PCA9673D Datasheet HTML 10Page - NXP Semiconductors PCA9673D Datasheet HTML 11Page - NXP Semiconductors PCA9673D Datasheet HTML 12Page - NXP Semiconductors PCA9673D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
PCA9673_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
9 of 33
NXP Semiconductors
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset
• 3 bits with the die revision, assigned by manufacturer (for example, Rev X).
The Device ID is read-only, hardwired in the device and can be accessed as follows:
1. START command
2. The master sends the Reserved Device ID I2C-bus address ‘1111 100’ with the R/W
bit set to 0 (write).
3. The master sends the I2C-bus slave address of the slave device it needs to identify.
The LSB is a ‘Don’t care’ value. Only one device must acknowledge this byte (the one
that has the I2C-bus slave address).
4. The master sends a Re-START command.
Remark: A STOP command followed by a START command will reset the slave state
machine and the Device ID read cannot be performed.
Remark: A STOP command or a Re-START command followed by an access to
another slave device will reset the slave state machine and the Device ID read cannot
be performed.
5. The master sends the Reserved Device ID I2C-bus address ‘1111 100’ with the R/W
bit set to 1 (read).
6. The device ID read can be done, starting with the 8 manufacturer bits (first byte +
4 MSB of the second byte), followed by the 13 part identification bits and then the
3 die revision bits (3 LSB of the third byte).
7. The master ends the reading sequence by NACKing the last byte, thus resetting the
slave device state machine and allowing the master to send the STOP command.
Remark: The reading of the Device ID can be stopped anytime by sending a NACK
command.
Remark: If the master continues to ACK the bytes after the third byte, the PCA9673
rolls back to the first byte and keeps sending the Device ID sequence until a NACK
has been detected.
For the PCA9673, the Device ID is as shown in Figure 13.
Fig 13. PCA9673 ID
0
002aac333
0
0
revision
0
0
1
0
0
0
1
0
0
part identification
0
0
0
0
0
0
0
0
0
0
0
0
manufacturer
category identification
feature identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com