Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9674N Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9674N
Description  Remote 8-bit I/O expander for Fm I2C-bus with interrupt
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9674N Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9674N Datasheet HTML 17Page - NXP Semiconductors PCA9674N Datasheet HTML 18Page - NXP Semiconductors PCA9674N Datasheet HTML 19Page - NXP Semiconductors PCA9674N Datasheet HTML 20Page - NXP Semiconductors PCA9674N Datasheet HTML 21Page - NXP Semiconductors PCA9674N Datasheet HTML 22Page - NXP Semiconductors PCA9674N Datasheet HTML 23Page - NXP Semiconductors PCA9674N Datasheet HTML 24Page - NXP Semiconductors PCA9674N Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PCA9674_PCA9674A_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 October 2006
21 of 34
NXP Semiconductors
PCA9674/74A
Remote 8-bit I/O expander for Fm+ I2C-bus with interrupt
13. Dynamic characteristics
[1]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]
Cb = total capacitance of one bus line in pF.
[4]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region SCL’s falling edge.
[5]
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at
250 ns. This allows series protection resistors to be connected between the SDA and the SCL pins and the SDA/SCL bus lines without
exceeding the maximum specified tf.
[6]
Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns.
Table 9.
Dynamic characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Standard mode
I2C-bus
Fast mode I2C-bus
Fast-mode Plus
I2C-bus
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
0
1000
kHz
tBUF
bus free time between a
STOP and START condition
4.7
-
1.3
-
0.5
-
µs
tHD;STA
hold time (repeated) START
condition
4.0
-
0.6
-
0.26
-
µs
tSU;STA
set-up time for a repeated
START condition
4.7
-
0.6
-
0.26
-
µs
tSU;STO
set-up time for STOP
condition
4.0
-
0.6
-
0.26
-
µs
tHD;DAT
data hold time
0
-
0
-
0
-
ns
tVD;ACK
data valid acknowledge
time[1]
0.3
3.45
0.1
0.9
0.05
0.45
µs
tVD;DAT
data valid time[2]
300
-
50
-
50
450
ns
tSU;DAT
data set-up time
250
-
100
-
50
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
0.5
-
µs
tHIGH
HIGH period of the SCL
clock
4.0
-
0.6
-
0.26
-
µs
tf
fall time of both SDA and
SCL signals
[4][5]
-
300
20 + 0.1Cb[3]
300
-
120
ns
tr
rise time of both SDA and
SCL signals
-
1000
20 + 0.1Cb[3]
300
-
120
ns
tSP
pulse width of spikes that
must be suppressed by the
input filter[6]
-
50
-
50
-
50
ns
Port timing; CL ≤ 100 pF (see Figure 14 and Figure 15)
tv(Q)
data output valid time
-
4
-
4
-
4
µs
tsu(D)
data input setup time
0
-
0
-
0
-
µs
th(D)
data input hold time
4
-
4
-
4
-
µs
Interrupt timing; CL ≤ 100 pF (see Figure 14 and Figure 15)
tv(D)
data input valid time
-
4
-
4
-
4
µs
td(rst)
reset delay time
-
4
-
4
-
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com