Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2128T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2128T
Description  Integrated RTC / TCXO / Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2128T Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2128T Datasheet HTML 1Page - NXP Semiconductors PCF2128T Datasheet HTML 2Page - NXP Semiconductors PCF2128T Datasheet HTML 3Page - NXP Semiconductors PCF2128T Datasheet HTML 4Page - NXP Semiconductors PCF2128T Datasheet HTML 5Page - NXP Semiconductors PCF2128T Datasheet HTML 6Page - NXP Semiconductors PCF2128T Datasheet HTML 7Page - NXP Semiconductors PCF2128T Datasheet HTML 8Page - NXP Semiconductors PCF2128T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PCF2128_SDS_0
© NXP B.V. 2007. All rights reserved.
Preliminary [short] data sheet
Rev. 00.03 — 4 June 2007
2 of 10
NXP Semiconductors
PCF2128
Real time clock / calendar
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
VDD = 1.8 to 5.5 V; VSS =0 V; Tamb =
−40 to +85 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
1.8
-
5.5
V
IDD
supply current
interface active
fSCL =6.5 MHz
-
-
800
μA
fSCL =1.0 MHz
-
-
200
μA
interface inactive (fSCL =0 kHz)
timekeeping and power management
configuration, CLKOUT disabled;
VDD = 5.0 V
-
2700
-
nA
VDD = 3.0 V
-
2100
-
nA
interface inactive (fSCL =0 kHz)
timekeeping configuration; Tamb =
+25 °C
VDD = 5.0 V
-
850
-
nA
VDD = 3.0 V
-
450
-
nA
fSCL
SCL clock frequency
0
-
6.5
MHz
Δf / f
frequency stability
(fo
= 32.768 kHz)
Tamb =
−40 to +85 °C-
±5-
ppm
Tamb =
−20 to +70 °C-
±3
±5ppm
Tamb
ambient temperature
operating
−40
-
+85
°C
Tstg
storage temperature
−65
-
+150
°C
Table 2:
Ordering information
Type number Topside
mark
Package
Name
Description
Version
PCF2128T / 1 PCF2128T
SO20
plastic thin shrink small outline package; 20 leads; body width 4.4mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com