Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003L-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD55003L-E
Description  RF POWER TRANSISTOR The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003L-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD55003L-E Datasheet HTML 9Page - STMicroelectronics PD55003L-E Datasheet HTML 10Page - STMicroelectronics PD55003L-E Datasheet HTML 11Page - STMicroelectronics PD55003L-E Datasheet HTML 12Page - STMicroelectronics PD55003L-E Datasheet HTML 13Page - STMicroelectronics PD55003L-E Datasheet HTML 14Page - STMicroelectronics PD55003L-E Datasheet HTML 15Page - STMicroelectronics PD55003L-E Datasheet HTML 16Page - STMicroelectronics PD55003L-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PD55003L-E
Test circuit schematic
Rev1
13/19
Table 11.
S-Parameter (PD55003L)
(VDS=12.5V, IDS=1.5A)
FREQ
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.837
-114
18.43
111
0.030
24
0.588
-132
100
0.799
-143
10.49
93
0.033
6
0.632
-152
150
0.801
-154
6.99
82
0.032
-3
0.656
-158
200
0.809
-159
5.15
74
0.031
-9
0.680
-160
250
0.823
-163
4.00
67
0.029
-14
0.701
-162
300
0.835
-165
3.22
61
0.028
-18
0.726
-163
350
0.845
-167
2.66
56
0.025
-20
0.750
-164
400
0.855
-169
2.23
52
0.024
-24
0.768
-165
450
0.866
-170
1.91
47
0.022
-26
0.789
-166
500
0.876
-171
1.65
43
0.020
-24
0.812
-167
550
0.882
-173
1.44
39
0.018
-25
0.828
-167
600
0.892
-174
1.26
36
0.016
-25
0.836
-168
650
0.898
-175
1.12
33
0.015
-25
0.844
-169
700
0.903
-176
1.00
29
0.013
-20
0.857
-170
750
0.907
-177
0.90
27
0.011
-17
0.868
-171
800
0.909
-178
0.81
24
0.010
-10
0.883
-171
850
0.912
-179
0.73
21
0.009
-6
0.889
-172
900
0.915
-180
0.67
19
0.009
1
0.894
-173
950
0.917
179
0.61
17
0.008
17
0.905
-174
1000
0.917
178
0.56
15
0.008
24
0.907
-174
1050
0.918
178
0.51
13
0.008
32
0.908
-175
1100
0.920
177
0.47
11
0.009
40
0.912
-176
1150
0.920
176
0.44
9
0.010
48
0.919
-177
1200
0.920
175
0.41
7
0.010
57
0.922
-177
1250
0.919
174
0.38
6
0.012
59
0.926
-178
1300
0.919
174
0.35
4
0.013
61
0.931
-179
1350
0.918
173
0.33
3
0.014
63
0.928
-179
1400
0.917
172
0.31
1
0.015
68
0.929
-180
1450
0.914
172
0.29
0
0.016
70
0.933
180
1500
0.912
171
0.27
-1
0.018
71
0.935
179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com