Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035TR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD55035TR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035TR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD55035TR-E Datasheet HTML 5Page - STMicroelectronics PD55035TR-E Datasheet HTML 6Page - STMicroelectronics PD55035TR-E Datasheet HTML 7Page - STMicroelectronics PD55035TR-E Datasheet HTML 8Page - STMicroelectronics PD55035TR-E Datasheet HTML 9Page - STMicroelectronics PD55035TR-E Datasheet HTML 10Page - STMicroelectronics PD55035TR-E Datasheet HTML 11Page - STMicroelectronics PD55035TR-E Datasheet HTML 12Page - STMicroelectronics PD55035TR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PD55035-E, PD55035S-E
Test circuit
9/22
5
Test circuit
Figure 14.
500MHz test circuit schematic (engineering)
RF
INPUT
Z1
Z3
R3
C3
Z2
C2
C10
C9
VGG
+
B1
C19
C18
C17
C16
VDD
Z5
B2
L1
C8
+
R2
C7
C1
Z4
R1
C11
Z6
C13
Z7
C14
Z8
Z9
N2
OUTPUT
RF
C15
DUT
C4
C12
C5
C6
Table 6.
Test circuit component part list
Component
Description
B1,B2
FERRITE BEAD
C1,C13
300 pF, 100 mil CHIP CAPACITOR
C2,C3,C4,C12,C13,C14
1 to 20 pF TRIMMER CAPACITOR
C6
39 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C7, C19
120 pF 100 mil CHIP CAPACITOR
C10, C16
10
µF, 50 V ELECTROLYTIC CAPACITOR
C9, C17
0.1 mF, 100 mil CHIP CAP
C8, C18
1.000 pF 100 mil CHIP CAP
C5, C11
33 pF, 100 mil CHIP CAP
L1
56 nH, 7 TURN, COILCRAFT
N1, N2
TYPE N FLANGE MOUNT
R1
15
Ω, 1 W CHIP RESISTOR
R2
1 K
Ω, 1 W CHIP RESISTOR
R3
33 K
Ω, 1 W CHIP RESISTOR
Z1
0.471” X 0.080” MICROSTRIP
Z2
1.082” X 0.080” MICROSTRIP
Z3
0.372” X 0.080” MICROSTRIP
Z4,Z5
0.260” X 0.223” MICROSTRIP
Z6
0.050” X 0.080” MICROSTRIP
Z7
0.551” X 0.080” MICROSTRIP
Z8
0.825” X 0.080” MICROSTRIP
Z9
0.489” X 0.080” MICROSTRIP
BOARD
ROGER, ULTRA LAM 2000 THK 0.030”,
εr = 2.55 2oz. ED cu 2 SIDES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com