Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB-C109 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDB-C109
Description  Blue Enhanced Photoconductive Silicon Photodiode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDB-C109 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDB-C109 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
• Blue enhanced
• High shunt resistance
• High response
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-55
+150
°C
TO
Operating Temperature
-40
+125
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short Circuit Current
H = 100 fc, 2850 K
450
500
µA
ID
Dark Current
VR = 10V
5
15
nA
RSH
Shunt Resistance
VR = 10 mV
30
100
MΩ
CJ
Junction Capacitance
VR =10 V, f = 1 MHz
120
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
R
Responsivity
l= 450 nm V, VR = 0 V
0.15
0.17
A/W
VBR
Breakdown Voltage
I = 10 μA
30
50
V
NEP
Noise Equivalent Power
VR = 0V @ l=Peak
5x10
-13
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Wavelength (nm)
PDB-C109
PACKAGE DIMENSIONS INCH [mm]
TO-8 PACKAGE
The PDB-C109 is a blue enhanced PIN silicon
photodiode in a photoconductive mode, packaged in
a TO-8 package.
• Instrumentation
• Industrial
• Medical
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-8 PACKAGE
Ø.555 [14.10]
Ø.545 [13.84]
.341 [8.66]
.231 [5.87]
.209 [5.31] ACTIVE AREA
.319 [8.10]
ACTIVE AREA
79°
VIEWING
ANGLE
Ø.444 [11.28]
.295 [7.49]
Ø.449 [11.40]
Ø.480 [12.19]
Ø.490 [12.45]
2X 1.50 [38.1]
2X Ø.018 [0.46]
ANODE
CATHODE
.065 [1.65]
.215 [5.46]
.016 [0.41] MAX
GLASS ABOVE CAP TOP EDGE
Blue Enhanced Photoconductive Silicon Photodiode
www.lasercomponents.com
Issue:
08/06 / V1 / HW / api/si-pin/blue-photo-c/ pdb-c109.pdf
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


Similar Part No. - PDB-C109

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C109 ADVANCEDPHOTONIX-PDB-C109 Datasheet
96Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
logo
Luna Innovations Incorp...
PDB-C109 LUNA-PDB-C109 Datasheet
186Kb / 2P
Blue Enhanced Photoconductive Silicon Photodiode
More results

Similar Description - PDB-C109

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C107 ADVANCEDPHOTONIX-PDB-C107 Datasheet
98Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C110 ADVANCEDPHOTONIX-PDB-C110 Datasheet
97Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C113 ADVANCEDPHOTONIX-PDB-C113 Datasheet
93Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C122 ADVANCEDPHOTONIX-PDB-C122 Datasheet
96Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C140 ADVANCEDPHOTONIX-PDB-C140 Datasheet
95Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C164 ADVANCEDPHOTONIX-PDB-C164 Datasheet
128Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C165 ADVANCEDPHOTONIX-PDB-C165 Datasheet
119Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
logo
Luna Innovations Incorp...
PDB-C107 LUNA-PDB-C107 Datasheet
187Kb / 2P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C122 LUNA-PDB-C122 Datasheet
199Kb / 2P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C140 LUNA-PDB-C140 Datasheet
118Kb / 2P
Blue Enhanced Photoconductive Silicon Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com