Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2572L-S16-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # L2572L-S16-R
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572L-S16-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button L2572L-S16-R Datasheet HTML 6Page - Unisonic Technologies L2572L-S16-R Datasheet HTML 7Page - Unisonic Technologies L2572L-S16-R Datasheet HTML 8Page - Unisonic Technologies L2572L-S16-R Datasheet HTML 9Page - Unisonic Technologies L2572L-S16-R Datasheet HTML 10Page - Unisonic Technologies L2572L-S16-R Datasheet HTML 11Page - Unisonic Technologies L2572L-S16-R Datasheet HTML 12Page - Unisonic Technologies L2572L-S16-R Datasheet HTML 13Page - Unisonic Technologies L2572L-S16-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
13 of 14
www.unisonic.com.tw
QW-R102-032.A
AFC FACILITY
An analog frequency error detect circuit, which generates DC voltage proportional to the integral of frequency error
is contained in UTC L2572.As the incident RF is high then the AFC voltage increases, as low then the voltage
decreases. ADC converts the AFC voltage can then be an to be read by the micro controller for frequency fine
tuning.
Around the aligned frequency the AFC detect circuit contains a deadband centre. From zero window to
approximately 25MHz width assuming an oscillator dF/dV of 15MHz/V the deadband can be adjusted. The AFC
voltage does not integrate if the incident RF is within this window, except by component leakage.
With reference to Fig. 6; the demodulated video is fed to a dual comparator which can be compared with two
reference voltages in normal operation, corresponding to the extremes of the deadband, or window. These voltages
are variable and the window adjust input can set it.
Two digital outputs corresponding to voltages above or below the voltage window, or frequency above or below
deadband can be produced by the comparators. These digital control signals can control a complimentary current
source pump. The current signals are then fed to an amplifier’s input. it is arranged as an integrator, so integrating
the pulses into a DC voltage.
Both the current source and sink are disabled if the frequency is correctly aligned, therefore the DC output voltage
can be constant. Due to component leakage there will be a small drift; the maximum drift can be calculated from
here:
C
I
dt
dV
.
2500
=
where
EXT
R
Vcc
I
=
, C = CEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com