Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD624 Datasheet(PDF) 3 Page - Analog Devices

Part # AD624
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD624 Datasheet(HTML) 3 Page - Analog Devices

  AD624 Datasheet HTML 1Page - Analog Devices AD624 Datasheet HTML 2Page - Analog Devices AD624 Datasheet HTML 3Page - Analog Devices AD624 Datasheet HTML 4Page - Analog Devices AD624 Datasheet HTML 5Page - Analog Devices AD624 Datasheet HTML 6Page - Analog Devices AD624 Datasheet HTML 7Page - Analog Devices AD624 Datasheet HTML 8Page - Analog Devices AD624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Technical Data
AD8253
Rev. prA | Page 3 of 10
SPECIFICATIONS
+VS = +15 V, −VS = −15 V, VREF = 0 V @ TA = 25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
CMRR to 60 Hz with 1 kΩ Source Imbalance
+IN = −IN = −10 V to +10 V
G = 1
80
dB
G = 10
100
dB
G = 100
120
dB
G = 1000
120
dB
CMRR to 50 kHz
+IN = −IN = −10 V to +10 V
G = 1
80
dB
G = 10
dB
G = 100
dB
G = 1000
dB
NOISE
Voltage Noise, 1 kHz, RTI
G = 1
40
nV/√Hz
G = 10
9
nV/√Hz
G = 100
8
nV/√Hz
G = 1000
8
nV/√Hz
0.1 Hz to 10 Hz, RTI
G = 1
2.5
μV p-p
G = 10
2.5
μV p-p
G = 100
μV p-p
G = 1000
μV p-p
Current Noise, 1 kHz
5
pA/√Hz
Current Noise, 0.1 Hz to 10 Hz
60
pA p-p
VOLTAGE OFFSET
Offset RTI VOS
G = 1, 10, 100, 1000
±200 + 600/G
μV
Over Temperature
T = −40°C to +85°C
±260 + 900/G
μV
Average TC
T = −40°C to +85°C
±1.2 + 5/G
μV/°C
Offset Referred to the Input vs. Supply (PSR)
VS = ±5 V to ±15 V
±6 + 20/G
μV/V
INPUT CURRENT
Input Bias Current
5
30
nA
Over Temperature
T = −40°C to +85°C
40
nA
Average TC
400
pA/°C
Input Offset Current
5
30
nA
Over Temperature
T = −40°C to +85°C
30
nA
Average TC
160
pA/°C
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
10
MHz
G = 10
6
MHz
G = 100
3
MHz
G = 1000
0.3
MHz
Settling Time 0.01%
ΔOUT = 10 V step
G = 1
585
ns
G = 10
648
ns
G = 100
ns
G = 1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com