Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-650SM-R1-WRD Datasheet(PDF) 1 Page - Eravant

Part # SWC-650SM-R1-WRD
Description  WRD-650 Waveguide to SMA Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-650SM-R1-WRD Datasheet(HTML) 1 Page - Eravant

  SWC-650SM-R1-WRD Datasheet HTML 1Page - Eravant SWC-650SM-R1-WRD Datasheet HTML 2Page - Eravant SWC-650SM-R1-WRD Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-650SM-R1-WRD
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.1
WRD-650 Waveguide to SMA Connector Adapter, Right
Angle
SWC-650SM-R1-WRD is an right angle (90°) WRD-650 double ridged
waveguide to coax adapter that cover the frequency range of 6.5 to 18
GHz. They are designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the double ridged waveguide and SMA coax
connector. The end launch (180°) versions are offered under models
SWC-650SF-E1-WRD and SWC-650SM-E1-WRD.
Electrical Specifications:
*Insertion loss and return loss is tested back-to-back.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
6.5 GHz
18 GHz
Insertion Loss
0.3 dB
Return Loss
20 dB
Power Handling
100 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide Port
WRD-650 Double Ridged Waveguide with FPWRD650D28
Flange
Coaxial Port
SMA Male Connector
Material
Aluminum
Finish
Gold Plated
Weight
2.0 Oz
Outline
WC-650SR-WRD-2
ECCN
EAR99
FEATURES
• Broad Band Coverage
• Low Insertion Loss and VSWR
• Instrumentation Grade
• DC Short Circuit
APPLICATIONS
• Test Lab
• Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-650SM-R1-WRD

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-650SM-R3-WRD ERAVANT-SWC-650SM-R3-WRD Datasheet
323Kb / 3P
WRD-650 Waveguide to SMA Connector Adapter, Right Angle
Rev 1.1
More results

Similar Description - SWC-650SM-R1-WRD

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4282 POMONA-4282 Datasheet
25Kb / 1P
Adapter, SMA, Male To Female, Right Angle
logo
Pasternack Enterprises,...
PE9068 PASTERNACK-PE9068 Datasheet
250Kb / 3P
SMA Male to SMA Female Right Angle Adapter
PE9273 PASTERNACK-PE9273 Datasheet
251Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter
PE9274 PASTERNACK-PE9274 Datasheet
248Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter
PE9418 PASTERNACK-PE9418 Datasheet
249Kb / 3P
SMA Male to SMA Male Right Angle Adapter
PE9485 PASTERNACK-PE9485 Datasheet
255Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE9642 PASTERNACK-PE9642 Datasheet
363Kb / 4P
SMA Male to SMA Male Right Angle Adapter
PE91149 PASTERNACK-PE91149 Datasheet
397Kb / 5P
SMA Male to SMA Female Right Angle Adapter
logo
Linx Technologies
CONSMA010-G LINX-CONSMA010-G Datasheet
302Kb / 2P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com