Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-75SF-R5 Datasheet(PDF) 3 Page - Eravant

Part # SWC-75SF-R5
Description  WR-75 Waveguide to SMA Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-75SF-R5 Datasheet(HTML) 3 Page - Eravant

  SWC-75SF-R5 Datasheet HTML 1Page - Eravant SWC-75SF-R5 Datasheet HTML 2Page - Eravant SWC-75SF-R5 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SWC-75SF-R5 and SWC-75SM-R5
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
3/3
Rev 1.1
NOTE:
•
On condition that test data is provided it is collected from a sample lot. Actual data may vary slightly from unit to unit. All
testing is performed under +25 °C room temperature.
•
On condition that simulated test data is provided, actual measured data may slightly vary.
•
Eravant reserves the right to change the information presented without notice.
CAUTION:
•
If a waveguide is present, any foreign objects in the waveguide will cause performance degradation and may damage or
destroy the unit.
•
For 1.35 mm, 1.85 mm, 2.4 mm, 2.92 mm, and SMA connectors proper torque should be applied: 8.0 ± 0.15 inch-pounds
(0.90 ± 0.02 Nm). Torque wrench model SCH-08008-S1 is highly recommended.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com