Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-75SM-R7-2 Datasheet(PDF) 1 Page - Eravant

Part # SWC-75SM-R7-2
Description  WR-75 Waveguide to SMA Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-75SM-R7-2 Datasheet(HTML) 1 Page - Eravant

  SWC-75SM-R7-2 Datasheet HTML 1Page - Eravant SWC-75SM-R7-2 Datasheet HTML 2Page - Eravant SWC-75SM-R7-2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-75SF-R7-2 and SWC-75SM-R7-2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.2
WR-75 Waveguide to SMA Connector Adapter, Right
Angle
SWC-75SF-R7-2 and SWC-75SM-R7-2 are right angle (90°) WR-75
waveguide to SMA coax adapters that cover the frequency range of 10 to
15 GHz. They are designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the rectangular waveguide and SMA coax connector.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
10 GHz
15 GHz
Insertion Loss
0.2 dB
Return Loss
20 dB
Power Handling
150 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide Port
WR-75 Waveguide with Standard Flange
Coaxial Port
SMA (F) for Model Number: SWC-75SF-R7-2
Coaxial Port
SMA (M) for Model Number: SWC-75SM-R7-2
Material
Aluminum
Inner Finish
Silver Plated
Outer Finish
Black Paint
Weight
4.4 Oz
Outline
WC-7R-SX2
ECCN
EAR99
FEATURES
• Full Waveguide Band Coverage
• Low Insertion Loss
• Instrumentation Grade
• DC Open Circuit
APPLICATIONS
• Test Lab
• Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-75SM-R7-2

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-75SM-R5 ERAVANT-SWC-75SM-R5 Datasheet
462Kb / 3P
WR-75 Waveguide to SMA Connector Adapter, Right Angle
Rev 1.1
More results

Similar Description - SWC-75SM-R7-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9817 PASTERNACK-PE9817 Datasheet
282Kb / 2P
WR-75 to N Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9884 PASTERNACK-PE9884 Datasheet
207Kb / 2P
WR-112 to SMA Female Waveguide to Coax Adapter 7.05 GHz to 10 GHz
PEWCR1002 PASTERNACK-PEWCR1002 Datasheet
538Kb / 5P
WR-75 Waveguide Circulator
PEWAD5013 PASTERNACK-PEWAD5013 Datasheet
438Kb / 4P
WR-75 Waveguide Bulkhead Adapter Square Cover Flange, 10 GHz to 15 GHz
PE-W75TF005-12 PASTERNACK-PE-W75TF005-12_V01 Datasheet
407Kb / 4P
WR-75 Twistable Flexible Waveguide
PE-W75TF005-24 PASTERNACK-PE-W75TF005-24_V01 Datasheet
405Kb / 4P
WR-75 Twistable Flexible Waveguide
PE-W75TF005-36 PASTERNACK-PE-W75TF005-36_V01 Datasheet
392Kb / 4P
WR-75 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com