Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP206G. Datasheet(PDF) 1 Page - Multicomp Pro

Part # KBP206G.
Description  Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KBP206G. Datasheet(HTML) 1 Page - Multicomp Pro

  KBP206G. Datasheet HTML 1Page - Multicomp Pro KBP206G. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
20/03/20
Bridge Rectifiers
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Glass passivated
• Surge overload rating -60 amperes peak
• Ideal for printed circuit board
• Plastic material has UL flammability classification 94V-0
• Mounting position : Any.
• Reverse Voltage: 50 Volts to 1000 Volts
• Forward Current: 2 Amperes
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
For capacitive load, derate current by 20%.
Characteristics
Symbol
KBP
2005G
KBP
201G
KBP
202G
KBP
204G
KBP
206G
KBP
208G
KBP
210G
Unit
Max. Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Max. RMS Bridge Input Voltage
Vrms
35
70
140
280
420
560
700
Max. DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Max. Average Forward
Rectified Current
at Ta = 50°C
I(AV)
2
A
Peak Forward Surge Current,
8.3 ms Single Half Sine-wave
Super Imposed on Rated Load
Ifsm
60
Max. Forward Voltage Drop
Per Bridge Element at 2A Peak
Vf
1.1
V
Max. Reverse Current at Rated
DC Blocking Voltage Per Element
Ir
10
µA
Max. Reverse Current at Rated
DC Blocking Voltage
Per Element at Tj = 100°C
1
mA
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
Rating and Characteristic Curves


Similar Part No. - KBP206G.

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBP206G SURGE-KBP206G Datasheet
111Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers?
logo
Won-Top Electronics
KBP206G WTE-KBP206G Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBP206G JGD-KBP206G Datasheet
130Kb / 2P
SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
KBP206G DIODES-KBP206G Datasheet
52Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. F-2
KBP206G DIODES-KBP206G Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
More results

Similar Description - KBP206G.

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com