Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G4SY Datasheet(PDF) 1 Page - Belden Inc.

Part # 3G4SY
Description  MachFlex 350 SY Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3G4SY Datasheet(HTML) 1 Page - Belden Inc.

  3G4SY Datasheet HTML 1Page - Belden Inc. 3G4SY Datasheet HTML 2Page - Belden Inc. 3G4SY Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MachFlex 350 SY Cables
Galvanized Steel Wire Braid (GSWB) -
Excellent Mechanical Protection
Armored (SY) PVC Control Cables
Applications
Designed for applications which are installed in occasional flexing and fixed locations. Cable
applications include precision control sensors, multi axis control machines, temperature
controllers, control panels, machine cutting tools, auxiliary equipment, motor speed control,
production machinery and many more.
General Reference Standards
• DIN VDE 0295, IEC 60228, BS6360
• DIN EN 50290-2-22, DIN VDE 0207-363-4-1
• DIN VDE 0482-332-1-2, DIN EN 60332-1-2, IEC 60332-1-2
• RoHS
& REACH & CE Directives
Construction and Performance
1.
Conductor Material
Stranded bare copper (DIN VDE 0295 Class 5)
2.
Insulation Material & Color
Insulation Material & Colour PVC (polyvinyl chloride).
A) All black color with number coding = without protective conductor. B) Black
color with number coding plus 1 green & yellow = with protective conductor.
3.
Braid Shield Material
GSWB (Galvanized Steel Wire Braid)
4.
Jacket / Sheath Material
PVC (polyvinyl chloride)
5.
Flame Retardancy
VDE 0482-332-1-2, DIN EN 60332-1-2, IEC 60332-1-2
6.
Voltage Rating (Uo/U)
300 / 500 V
7.
Oil Resistant
DIN EN 50290-2-22 (TM54)
8.
Temperature Range
-30 °C TO +70 °C (Occasional movement)
-40 °C TO +80 °C (Fixed installation)
9.
Bending Radius
20 x OD (Occasional movement)
6 x OD (Fixed installation)
10.
Other Properties
Good UV resistance, chemical resistance & flexibility


Similar Part No. - 3G4SY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3G4 BELDEN-3G4 Datasheet
157Kb / 2P
MachFlex™ 350YY, 2C1G 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
3G4-010100M BELDEN-3G4-010100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 2C1G 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
3G4-010200M BELDEN-3G4-010200M Datasheet
157Kb / 2P
MachFlex™ 350YY, 2C1G 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
3G4-010300M BELDEN-3G4-010300M Datasheet
157Kb / 2P
MachFlex™ 350YY, 2C1G 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
3G4-G8U100M BELDEN-3G4-G8U100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 2C1G 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results

Similar Description - 3G4SY

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
Hammond Manufacturing L...
VCT HAMMOND-VCT Datasheet
59Kb / 1P
Chemin de cables pour cables verticaux
logo
SICK AG
DOL-0803-G02MCS01 SICK-DOL-0803-G02MCS01 Datasheet
274Kb / 4P
Connecting cables
DSL-1204-G1M5 SICK-DSL-1204-G1M5 Datasheet
238Kb / 4P
Connection cables
DSL-8204-G20M SICK-DSL-8204-G20M Datasheet
239Kb / 4P
Connection cables
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
Cables
26 MAY 21 Rev: R
logo
Balluff Korea Ltd.
BCC0AC9 BALLUFF-BCC0AC9 Datasheet
90Kb / 2P
Bulk Cables
0.5_2022-07-16
BCC0AEL BALLUFF-BCC0AEL Datasheet
104Kb / 2P
Bulk Cables
0.46_2022-07-16
BCC0C16 BALLUFF-BCC0C16 Datasheet
89Kb / 2P
Bulk Cables
0.49_2022-07-16
logo
Lapp.
1125752 LAPP-1125752 Datasheet
174Kb / 1P
OLFLEX® CLASSIC 110 SY
08.03.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com