Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEX80805DA Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # NEX80805DA
Description  Wide Vcc range multi-mode flyback controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80805DA Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  NEX80805DA Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX80805DA Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX80805DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX80805DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX80805DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX80805DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX80805DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX80805DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX80805DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Nexperia
NEX8080 series
Wide Vcc range multi-mode flyback controller
8.4. Electrical characteristics
Table 7. Electrical characteristics
Where VCC = 10 V to 90 V; TJ = -40 °C to 125 °C; typical values are measured at VCC = 20 V, TJ = 25 °C (unless otherwise
noted).
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Supply (VCC pin)
VCC_ON
VCC on threshold voltage
-
17
18 V
VCC_OFF
VCC off threshold voltage
-
8.4
-
V
VCC_HOLD
VCC hold threshold voltage
-
9
9.4 V
VCC_OVP
VCC OVP threshold voltage
83.5
89
93 V
VCC_DIS
VCC discharge threshold voltage
-
94
99 V
VCC_DIS_HYS VCC discharge threshold hysteresis
voltage
-
5
-
V
IDISCHARGE
VCC discharge current
-
5
-
mA
ISTARTUP
VCC startup current
-
5
8
μA
NEX80801, NEX80805, NEX80808
FSW = 65 kHz, VCC = 20 V,
1 nF at DRV pin
-
1.25
1.75 mA
INORMAL
VCC normal operating current
NEX80809
FSW = 85 kHz, VCC = 20 V,
1 nF at DRV pin
-
1.6
2.24 mA
IBURST
VCC current in burst mode
-
270
350 μA
Feedback input (FB pin)
VFB_OPEN
FB pin open-circuit voltage
-
5
-
V
RFB
FB internal pull-up resistor
-
28
-
kΩ
VFB_BURST_OFF FB voltage when DRV pulse is
skipped
-
0.3
-
V
VFB_BURST_ON FB voltage when DRV pulse is
resumed
-
0.35
-
V
VFB_OLP
overload protection threshold
voltage
-
3.5
-
V
tD_OLP
overload protection deglitch time
-
50
-
ms
KFB
divider ratio from FB to CS
-
5
-
V/V
tSS
soft start time
0 V to 0.4 V VCS
-
4.3
-
ms
Current sense input (CS pin)
tLEB_PWM
leading edge blanking for PWM
comparator
-
320
-
ns
VCS_PWM_MAX maximum current limit threshold for
PWM comparator
0.365
0.4
0.43 V
tLEB_OCF
leading edge blanking for OC fault
protection
-
90
-
ns
VCS_OCF
secondary rectifier (SR) short=circuit
fault protection
0.61
0.65
0.7 V
tD_OCF
SR short-circuit fault deglitch cycles
-
3
-
cycles
VCS_SHORT
CS pin short detection threshold
-
0.04
-
V
tBLK_CS_SHORT CS pin short detection blanking time
Iline = 90 μA
-
4.5
-
μs
tD_CS_SHORT CS pin short fault deglitch cycles
-
3
-
cycles
NEX8080_series
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
4 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com