Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH97005 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PH97005
Description  Low cost DECT Po wer Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH97005 Datasheet(HTML) 3 Page - NXP Semiconductors

  PH97005 Datasheet HTML 1Page - NXP Semiconductors PH97005 Datasheet HTML 2Page - NXP Semiconductors PH97005 Datasheet HTML 3Page - NXP Semiconductors PH97005 Datasheet HTML 4Page - NXP Semiconductors PH97005 Datasheet HTML 5Page - NXP Semiconductors PH97005 Datasheet HTML 6Page - NXP Semiconductors PH97005 Datasheet HTML 7Page - NXP Semiconductors PH97005 Datasheet HTML 8Page - NXP Semiconductors PH97005 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors B.V.
Low cost DECT Power Amplifier
PH97005
RNR-T45-97-M-0931
CHAR ACTER ISTIC S
(unless otherwise specified the operating frequency is 1. 89 GHz, the supply voltage is 3.6 V, the input
power is 0 dBm and the period is 10 ms with a duty cycle of 1:8)
Parameter
Specification
Typical
Condition
General parameters
Supply voltage (Vs)3.2
≤ 3.6 ≤ 4.2 V
Control voltage (Vc)on state: 3.6 V
off state: 0 V
Frequency range
1.88 - 1.92 GHz
Type of operation
pulsed
duty cycle
≤ 50%
Source and load impedance50
Ω
Power gain (G
p)
≥ 26 dB
26.3 dB
P
o = 26 dB m
Output power (P
o)
≥ 26 dBm
26.3 dBm
Avg. supply current
11 mA
P
o = 26 d Bm
Efficiency
≥ 40%
44%
P
o = 26 d Bm
Input VSWR
2 :1
Isolation (relative to input power)
≥ 50 dB
57 dB
Vc = 0 V
Spurious
≤ -60 dBc
V
s = 3.2..4 .2 V
VSWR 6 : 1, all phases
Leakage current in off-state
≤ 10 µA
Vc = 0 V
Harmonics: 2
nd
3
rd
≤ -30 dBm
≤ -30 dBm
-34 dBm
-13 dBm
Load mismatch:
No degradation
P
o = 26 d Bm, Vs ≤ 4.5 V
VSWR 6 : 1, all phases
Printed circuit boardFR4 bilayer
(h=0. 7;
ε
r=4. 6;
tan
δ=0.02)
Dimensions
10 x 20 mm
(including bias circuit ry)
Table 1:
Characteristics of the DECT PA PH97005.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com