Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC0665K Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PSC0665K
Description  650 V, 6 A SiC Schottky diode in TO-220-2 R2P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSC0665K Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PSC0665K Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Nexperia
PSC0665K
650 V, 6 A SiC Schottky diode in TO-220-2 R2P
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VDC
DC blocking voltage
650
-
-
V
IF = 6 A; Tj = 25 °C
-
1.5
1.8
V
VF
forward voltage
IF = 6 A; Tj = 150 °C
-
1.95
2.6
V
VR = 650 V; Tj = 25 °C
-
1
180
µA
IR
reverse current
VR = 650 V; Tj = 150 °C
-
10
1250
µA
Dynamic characteristics
Cd
diode capacitance
f = 1 MHz; VR = 1 V; Tj = 25 °C
-
225
-
pF
QC
total capacitive charge VR = 400 V; dIF/dt = 200 A/µs; IF ≤ 6 A;
Tj = 25 °C
-
14
-
nC
VF (V)
0
3
2
1
aaa-040433
6
12
18
IF
(A)
0
(6)
(4)
(5)
(3)
(2)
(1)
Pulsed condition:
(1) Tj = 175 °C
(2) Tj = 150 °C
(3) Tj = 125 °C
(4) Tj = 100 °C
(5) Tj = 25 °C
(6) Tj = -55 °C
Fig. 4. Forward current as a function of forward
voltage; typical values
VF (V)
0
8
6
2
4
aaa-040434
40
20
60
80
IF
(A)
0
(1)
(3)
(2)
(4)
(5)
(6)
Pulsed condition:
(1) Tj = 175 °C
(2) Tj = 150 °C
(3) Tj = 125 °C
(4) Tj = 100 °C
(5) Tj = 25 °C
(6) Tj = -55 °C
Fig. 5. Forward characteristics in surge current as a
function of forward voltage; typical values
PSC0665K
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
19 August 2024
4 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com