Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH200LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3CH200LE
Description  Low Voltage, 5廓, 2-Channel 2-Port NanoSwitch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH200LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3CH200LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH200LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH200LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH200LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH200LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH200LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH200LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH200LE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8721C
05/10/06
PI3CH200
Low Voltage, 5Ω, 2-Channel
2-Port NanoSwitch™
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
Notes:
1. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3.5
pF
COFF
A/B Capacitance, Switch Off
3.5
CON
A/B Capacitance, Switch On
7.0
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ.(2) Max.
Units
ICC
Quiescent Power Supply Current
VCC = 3.6V, VIN = GND or VCC
0.8
mA
DC Electrical Characteristics, 2.5V Supply (Over Operating Range, TA = –40°C to +85°C, VCC = 2.5V ± 10%)
Parameters
Description
Test Conditions(1)
Min. Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
1.8
VCC + 0.3
V
VIL
Inout LOW Voltage
Guaranteed Logic LOW Level
–0.3
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –6mA
–0.7
–1.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Current(3)
0 ≤ A, B ≤ VCC
±1
RON
Switch On Resistance(4)
VCC = Min., VIN =0.0V,
ION = –48mA
6
8
Ω
VCC = Min., VIN = 2.25V,
ION = –15mA
7
14
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (A,B) pins.
06-0246



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com