Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLMS2002PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLMS2002PBF
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS2002PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLMS2002PBF Datasheet HTML 1Page - International Rectifier IRLMS2002PBF Datasheet HTML 2Page - International Rectifier IRLMS2002PBF Datasheet HTML 3Page - International Rectifier IRLMS2002PBF Datasheet HTML 4Page - International Rectifier IRLMS2002PBF Datasheet HTML 5Page - International Rectifier IRLMS2002PBF Datasheet HTML 6Page - International Rectifier IRLMS2002PBF Datasheet HTML 7Page - International Rectifier IRLMS2002PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
6.5
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
5.2
A
IDM
Pulsed Drain Current

20
PD @TA = 25°C
Power Dissipation
2.0
PD @TA = 70°C
Power Dissipation
1.3
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
1/18/05
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
IRLMS2002PbF
HEXFET® Power MOSFET
These N-Channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve the
extremely low on-resistance per silicon area. This benefit
provides the designer with an extremely efficient device for
use in battery and load management applications.
The Micro6
™ package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on) 60%
less than a similar size SOT-23. This package is ideal for
applications where printed circuit board space is at a
premium. It's unique thermal design and RDS(on) reduction
enables a current-handling increase of nearly 300%
compared to the SOT-23.
VDSS = 20V
RDS(on) = 0.030Ω
Description
l Ultra Low On-Resistance
l N-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l 2.5V Rated
l Lead-Free
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6
Micro6
™
PD- 95675


Similar Part No. - IRLMS2002PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS2002PBF IRF-IRLMS2002PBF Datasheet
158Kb / 8P
Ultra Low On-Resistance
IRLMS2002PBF IRF-IRLMS2002PBF_15 Datasheet
158Kb / 8P
Ultra Low On-Resistance
More results

Similar Description - IRLMS2002PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com