Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV24010LP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV24010LP
Description  Bi-CMOS LSI Compact Portable Equipment 1-Chip FMRDS Tuner IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV24010LP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV24010LP Datasheet HTML 1Page - Sanyo Semicon Device LV24010LP Datasheet HTML 2Page - Sanyo Semicon Device LV24010LP Datasheet HTML 3Page - Sanyo Semicon Device LV24010LP Datasheet HTML 4Page - Sanyo Semicon Device LV24010LP Datasheet HTML 5Page - Sanyo Semicon Device LV24010LP Datasheet HTML 6Page - Sanyo Semicon Device LV24010LP Datasheet HTML 7Page - Sanyo Semicon Device LV24010LP Datasheet HTML 8Page - Sanyo Semicon Device LV24010LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LV24010LP
No.A0466-2/18
Electrical Characteristics at Ta = 25°C, VCC = 3.0V, VDD = 3.0V, in the measuring circuit specified, Soft
Mute/Stereo = off
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
ICCA
Measurement at pin 23 with 60 dB
µ input in the
analog block, Monaural input
15
19
mA
Current drain
(in operation)
ICCD
Measurement at pins 27 and 40 with 60 dB
µ input in
the digital block
0.2
0.4
0.8
mA
ICCA
Measurement at pin 23 in the standby mode of the
analog block
3
30
µA
Current drain
(in standby)
ICCD
Measurement at pins 27 and 40 in the standby
mode of the digital block.
3
30
µA
FM receive band
F_range
76
108
MHz
FM receive characteristics;MONO:
fc = 80MHz,fm = 1kHz, 22.5kHzdev. Note that Soft_stereo,Soft_and mute functions are OFF.
3dB sensitivity
-3dB LS
60dB
µV, 22.5kHzdev output standard,
-3dB input -3dB.
13
20
dB
µV
EMF
Practical sensitivity 1
QS1
Input level with S/N = 30dB,
Deemphasis = 75
µs SG open display
10
17
dB
µV
EMF
Practical sensitivity 2
(Reference)
QS2
Input level with S/N = 26dB,
Deemphasis = 75
µs, SG terminal display
1.25
µV
Demodulation output
Vo
60dB
µV, pin 11 output
50
70
110
mV
Channel balance
CB
60dB
µV, pin 11 output / pin 12 output
-2
0
2
dB
Signal-to-noise ratio
S/N
60dB
µV, pin 11 output
48
58
dB
Total harmonic distortion
1(MONO)
THD1
60dB
µV, pin 11 output, 22.5kHdev
0.4
1.5
%
Total harmonic distortion
2(MONO)
THD2
60dB
µV, pin 11 output, 75kHdev
1.3
3
%
Field intensity display level
FS
Input level at which FS1 changes to FS2
6
16
26
dB
µ
Mute attenuation
Mute-Att
60dB
µV, pin 11 output
60
70
dB
FM receive characteristics; STEREO:
fc = 80MHz, fm = 1kHz, VIN = 60dBµV, L+R = 30% (22.5kHz), Pilot = 10% (7.5kHzdev)
Separation
SEP
L-mod, pin 11 output / pin 12 output
20
35
dB
Total harmonic distortion
(Main)
THD-ST
Main-mod (for L+R input), pin 11 / pin 12 output,
IHF_BPF
0.6
1.8
%
RDS characteristics
RDS_center frequency
fcen
Adjustment accuracy of RDS_VCO DAC value.
(Adjustment accuracy of free_run frequency)
56.5
57.0
57.5
kHz
-3dB bandwidth
BW-3dB
Bandwidth of BPF to 57KHZ Center frequency. Set
Block4 register 06h of Bit3-2 (RDSBW) to “11”
( ) is not guarantee value. Just for Reference value
(3.0)
5.5
(7.0)
kHz
RDS Current drain
Irds
RDS current value at RDS Enable/Disable
2
4
mA
The output level is set to the VOL = 14 when the block 2, register 09h of control register map has the bit 3,2,1,0 = “0010”
In other cases:
• The IF_OSC frequency must be adjust to 140kHz with DAC of block 1, register 05h.
• The IF_CENTER set bit value (block 2, register 03h) applies to same DAC value of IF_OSC.
• The IF_BW set bit value (block2, register 05h) applies to the setting of the value 65% of the IF_OSC set bit value.
• The RDS_OSC frequency must be adjust to 114kHz with DAC of block 4, register 07h.
• The RDS_FLTDAC (block 4, register 03h) set bit value applies to the setting of value 95% of RDS_OSC set bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com