Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21265-P/AP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # 21265-P/AP
Description  AC100V~200V three-phase inverter drive for small power motor control.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

21265-P/AP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  21265-P/AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor 21265-P/AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor 21265-P/AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor 21265-P/AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor 21265-P/AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor 21265-P/AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor 21265-P/AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor 21265-P/AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor 21265-P/AP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21265-P/AP
TRANSFER-MOLD TYPE
INSULATED TYPE
Oct. 2005
PS21265
INTEGRATED POWER FUNCTIONS
600V/20A low-loss 5th generation IGBT inverter bridge for
three phase DC-to-AC power conversion
APPLICATION
AC100V~200V three-phase inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21265-P/AP
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS :Drive circuit, High voltage high-speed level shifting, Control supply under-voltage (UV) protection.
• For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC).
• Fault signaling : Corresponding to an SC fault (Lower-side IGBT) or a UV fault (Lower-side supply).
•Input interface : 3, 5V line compatible. (High Active)
•UL Approved : Yellow Card No. E80276
Dimensions in mm
(Short-pin type : PS21265-P)
Refer Fig. 6 for long-pin type : PS21265-AP.
TERMINAL CODE
1.
UP
2.
VP1
3.
VUFB
4.
VUFS
5.
VP
6.
VP1
7.
VVFB
8.
VVFS
9.
WP
10. VP1
11. VPC
12. VWFB
13. VWFS
14. VN1
15. VNC
16. CIN
17. CFO
18. FO
19. UN
20. VN
21. WN
22. P
23. U
24. V
25. W
26. N
NOTE
Type name , Lot No.
26
25
24
23
22
1
1±0.2
C0.2
C0.2
(2.5)
0.8±0.2
1±0.2
0.7±0.2
0.7±0.2
0.8±0.2
0.45±0.2
0.45±0.2
0.8±0.2
0.45±0.2
C
B
Heat sink side
TERMINAL 22, 26
OTHERS
OTHERS
DETAIL B
(5 pins t = 0.7)
DETAIL C
(21 pins t = 0.7)
TERMINAL 1-2, 20-21
Heat sink side
2
3
4
5
6
7
8
9
10
13
12
15
14
16 17 18 19 20 21
11
20±0.3
10±0.3
10±0.3
10±0.3
79±0.5
(71)
67±0.3
2-
φ4.5±0.2
2.8±0.3
27
×2.8(=75.6)
0.5±0.2
DETAIL D
DETAIL A
D
3.8±0.2
A
Note: All outer lead terminals are with Pb-free solder plating.


Similar Part No. - 21265-P/AP

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2126594 FESTO-2126594 Datasheet
106Kb / 2P
ISO cylinder
2126595 FESTO-2126595 Datasheet
106Kb / 2P
ISO cylinder
2126597 FESTO-2126597 Datasheet
105Kb / 2P
ISO cylinder
2126598 FESTO-2126598 Datasheet
105Kb / 2P
ISO cylinder
2126599 FESTO-2126599 Datasheet
101Kb / 2P
ISO cylinder
More results

Similar Description - 21265-P/AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
AC100V~200V three-phase inverter drive for small power motor control.
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control.
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
AC100V~200V inverter drive for small power motor control
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
125Kb / 8P
AC100V~200V inverter drive for small power motor control
PS21564-P MITSUBISHI-PS21564-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
125Kb / 8P
AC100V~200V inverter drive for small power motor control
PS21661-FR MITSUBISHI-PS21661-FR Datasheet
540Kb / 10P
AC100V~200V, three-phase inverter drive for small power motor control.
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
3-phase Motor Drive Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com