Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPW65R075DFD Datasheet(PDF) 2 Page - Wuxi Unigroup Microelectronics Company

Part # TPW65R075DFD
Description  650V Super-junction Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW65R075DFD Datasheet(HTML) 2 Page - Wuxi Unigroup Microelectronics Company

  TPW65R075DFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPB65R075DFD,TPP65R075DFD,TPW65R075DFD
Wuxi Unigroup Microelectronics Co.,Ltd
V1.0
www.tsinghuaicwx.com
2
Absolute Maximum Ratings TC = 25ºC, unless otherwise noted
Parameter
Symbol
Values
Unit
Continuous Drain Current
TC = 25ºC
ID
45
A
TC = 100ºC
27
Pulsed Drain Current
(note1)
ID,pulse
135
A
Gate-Source Voltage
VGSS
±
30V
V
Single Pulse Avalanche Energy
(note2)
EAS
180
mJ
Repetitive Avalanche Energy
(note2)
EAR
144
mJ
Avalanche Current
IAR
6
A
MOSFET dv/dt Ruggedness, VDS = 0...650V
dv/dt
50
V/ns
Power Dissipation For TO-263,TO-220,TO-247
PD
312
W
Continuous Diode Forward Current
IS
45
A
Diode Pulsed Current
(note1)
IS,pulse
135
Reverse Diode dv/dt
(note3)
dv/dt
50
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
-55~+150
ºC
Thermal Resistance For TO-263,TO-220,TO-247
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Case
RthJC
0.4
ºC/W
Thermal Resistance, Junction-to-Ambient
RthJA
62



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com