Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C4511 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C4511
Description  PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4511 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C4511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI6C4511
PLL Clock Multiplier
2
PS8762C
06/09/06
Pin Diagram
Pin Description
Pin
Name
Type
Description
1
X1/ICLK
X1
Crystal conneciton or clock input
2
VCC
P
Supply voltage: +3V and +5V
3
GND
P
Connect to Ground
4
S1
TI
Multiplier select pin1. Connect to GND or VCC or float (no connection).
5
CLK
O
Clock output per Table (see below).
6
S0
TI
Multiplier select pin 0. Connect to GND or VCC or float (no connection).
7
OE
I
Output Enable. Tri-state CLK output when low. Internal pull-up
8
X2
XO
Crystal Connection. Leave unconnected for clock input
Clock Output Table(1)
S1
S0
CLK
0
0
x4(1)
0
M
x(16/3)
0
1
x5
M
0
x2.5
M
M
x2
M
1
x(10/3)
1
0
x6
1
M
x3
1
1
x8
Note:
1. M = Mid-point or float.
1
2
3
X1/ICLK
GND
S1
4
5
6
7
8
VCC
S0
CLK
OE
X2
06-0104



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com