Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC16244 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74AVC16244
Description  2.5V 16-Bit Buffer Driver with 3-State Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16244 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74AVC16244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PS8507B
05/31/06
PI74AVC+16244
2.5V 16-Bit Buffer Driver
with 3-State Outputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Maximum Ratings
(Above which the useful life may be impaired.
For user guidelines, not tested.)
Supply voltage range, VCC .............................. –0.5V to+4.6V
Input voltage range, VI .................................... –0.5V to+4.6V
Voltage range applied to any output in the
high-impedance or power-off state, VO(1) ........ –0.5V to+4.6V
Voltage range applied to any output in the
high or low state, VO(1,2) ............................ –0.5VtoVCC+0.5V
Input clamp current, IIK (VI <0) ..................................... –50mA
Output clamp current, IOK (VO <0) ............................... –50mA
Continuous output current, IO ..................................... ±50mA
Continuous current through each VCC or GND ...........±100mA
Package thermal impedance,
θJA(3): package A ........... 64°C/W
package K .......... 48°C/W
Storage Temperature range, Tstg ..................... –65°Cto150°C
1. Input & output negative-voltage ratings may be exceeded if the
input and output curent rating are observed.
2. Output positive-voltage rating may be exceeded up to 4.6V
maximum if the output current rating is observed.
3. The package thermal impedance is calculated in accordance with
JESD51.
Notes:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
s
t
u
p
n
Is
t
u
p
t
u
O
E
O
nx
A
nx
Y
n
LH
H
LL
L
HX
Z
Product Pin Description
Truth Table(1)
Product Pin Configuration
Notes:
1. H = High Signal Level
L = Low Signal Level
X = Don’t Care or Irrelevant
Z = High Impedance
1
2
3
4
5
6
7
8
9
48
10
47
11
46
12
45
13
44
14
43
15
42
16
41
17
40
18
39
19
38
20
37
21
36
22
35
23
34
24
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
GND
GND
GND
VCC
VCC
4OE
1Y3
1Y4
2Y1
2Y2
2Y3
2Y4
3Y1
3Y2
3Y3
3Y4
4Y1
4Y2
4Y3
4Y4
2OE
1A1
1A2
GND
GND
GND
GND
VCC
VCC
3OE
1A3
1A4
2A1
2A2
2A3
2A4
3A1
3A2
3A3
3A4
4A1
4A2
4A3
4A4
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
E
O
n)
W
O
L
e
v
it
c
A
(
s
t
u
p
n
I
e
l
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
-
3
x
A
ns
t
u
p
n
I
x
Y
ns
t
u
p
t
u
O
e
t
a
t
S
-
3
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P
06-0164



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com