Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOL1168-R Datasheet(PDF) 1 Page - ZKTECO CO., LTD. All rights reserved.

Part # BOL1168-R
Description  Removable Bollard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

BOL1168-R Datasheet(HTML) 1 Page - ZKTECO CO., LTD. All rights reserved.

  BOL1168-R Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BOL1168-R is a high-quality removable bollard which
used widely to prevent vehicles from entering security
areas. It is an ideal low-cost solution when the depth is
not sufficient to install an automatic bollard. The bollard
can simply be unlocked and removed by the key
provided. This feature allows people to achieve flexible
entrance control when access is only occasionally
opened. The bollard is commonly found in schools,
shopping malls, hotels or housing estates where
traffic guidance is needed to protect pedestrians and
property. This product provides ideal access control in
areas mentioned above and raises the level of security.
Features
Specifications
Introduction
• Customization available
• Simple installation and limited digging operations
• Stainless steel ensures long-lasting durability
Diameter
168mm
Height from ground
600mm / customization
Average thickness
6mm / customization
Embedding depth
210mm
Material
SUS304
Reflective strip color
Yellow
Copyright © 2018 ZKTECO CO., LTD. All rights reserved.
V1.1 2018.12.28
ZKTECO CO.,LTD.
www.zkteco.com E-mail: sales@zkteco.com
BOL1168-R
Removable Bollard


Similar Part No. - BOL1168-R

ManufacturerPart #DatasheetDescription
logo
ZKTECO CO., LTD. All ri...
BOL1219-A ZKTECO-BOL1219-A Datasheet
231Kb / 2P
Automatic Bollard
V1.1 2022.10.14
More results

Similar Description - BOL1168-R

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W788 LUMINIS-W788 Datasheet
190Kb / 4P
Bollard mount
W793 LUMINIS-W793 Datasheet
203Kb / 4P
Bollard mount
W797 LUMINIS-W797 Datasheet
200Kb / 4P
Bollard mount
SO10B LUMINIS-SO10B Datasheet
49Kb / 1P
Bollard
TR25B LUMINIS-TR25B Datasheet
137Kb / 3P
Bollard
TR35 LUMINIS-TR35 Datasheet
133Kb / 3P
Bollard
TR35B LUMINIS-TR35B Datasheet
133Kb / 3P
Bollard
TM100 LUMINIS-TM100 Datasheet
23Kb / 1P
Bollard
TM107 LUMINIS-TM107 Datasheet
26Kb / 1P
Bollard
logo
Winchester Electronics ...
8105 WINCHESTER-8105 Datasheet
393Kb / 1P
MARC REMOVABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com