Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP200 Datasheet(PDF) 11 Page - Aceinna Inc.

Part # MDP200
Description  Differential Pressure Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MDP200 Datasheet(HTML) 11 Page - Aceinna Inc.

Back Button MDP200 Datasheet HTML 4Page - Aceinna Inc. MDP200 Datasheet HTML 5Page - Aceinna Inc. MDP200 Datasheet HTML 6Page - Aceinna Inc. MDP200 Datasheet HTML 7Page - Aceinna Inc. MDP200 Datasheet HTML 8Page - Aceinna Inc. MDP200 Datasheet HTML 9Page - Aceinna Inc. MDP200 Datasheet HTML 10Page - Aceinna Inc. MDP200 Datasheet HTML 11Page - Aceinna Inc. MDP200 Datasheet HTML 12Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.aceinna.com
MDP200 Datasheet_V1.3
April 2018
11/12
8
Foot Print
9
Ordering Information
Options
Ranges
Calibration
Housing
MDP200
-500
500Pa
B
Bi-Directional
T
Manifold
U
Uni-Directional
Y
Barb
Example: MDP200-500BY = MDP200 differential pressure sensor, 500 Pascal, Bi-Directional,
Barb Fitting
10
Appendix
Master’s CRC calculation C code
#define POLYNOMIAL 0x131 // P(x) = x^8 + x^5 + x^4 + 1 = 100110001
unsigned char CheckCrc(unsigned char data[], unsigned char nbrOfBytes)
{
unsigned char crc = 0;
unsigned char byteCtr;
//calculates 8-Bit checksum with given polynomial P(x) = x^8 + x^5 + x^4 + 1 =
100110001
for (byteCtr = 0; byteCtr < nbrOfBytes; ++byteCtr)
{
crc ^= (data[byteCtr]);
for (unsigned char bit = 8; bit > 0; --bit)
{
if (crc & 0x80)
crc = (crc << 1) ^ POLYNOMIAL;
else crc = (crc << 1);
}
}
return crc;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com