Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4LC2MMFS01 Datasheet(PDF) 1 Page - Belden Inc.

Part # FT4LC2MMFS01
Description  FX Fusion Splice-On Connector OM4 LC Simplex 2mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FT4LC2MMFS01 Datasheet(HTML) 1 Page - Belden Inc.

  FT4LC2MMFS01 Datasheet HTML 1Page - Belden Inc. FT4LC2MMFS01 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FX Fusion OM4 LC Simplex 2mm
FX Fusion Splice-On Connector OM4 LC Simplex 2mm
Product Description
FX Fusion Splice-On Connector, OM4, LC Simplex, 2mm, Erika Violet Housing
Technical Specifications
Product Overview
Suitable Applications:
Field-termination of fiber optic cables within Patch Panels, Distribution Frames, Workstation Outlets for FTTD (Fiber to the Desk), drops for FTTH (Fiber to the home) and MDU
(Multiple Dwelling Units).
Construction
Fiber Cable Construction
Fiber Type
OM4
Mechanical Characteristics
Mechanical Specifications
Test
TIA 568.3-D (MM)
Storage Temp Range -40° to 75°C
Termination Style:
Splice-On
Temperature Range
Storage Temperature
Range:
-40° to 75°C
Product Material
Materials
Description
Material
Color
Boot
Rubber
Black
Protective Ferrule Cap
Plastic
Opaque
Connector Front Housing Plastic
Erika Violet
Connector Rear Housing
Nickel plated zinc alloy diecast
Standards
TIA/EIA Compliance:
TIA 568.3-D
Related Part Numbers
Included Parts:
2 mm boot, protective ferrule cap, splice protection sleeve
Related Parts:
FX Splice-On Installation Kit, FX Pigtails.
Variants
Item #
Color
Packaging
UPC
FT4LC2MMFS01 Erika Violet Single Pack 611589217200
Product Notes


Similar Part No. - FT4LC2MMFS01

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FT4LC900FS01 BELDEN-FT4LC900FS01 Datasheet
171Kb / 2P
FX Fusion Splice-On Connector OM4 LC Simplex 900μm
02-20-2024
More results

Similar Description - FT4LC2MMFS01

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4360 LVL1-SFP-4360 Datasheet
104Kb / 1P
simplex LC connector
SFP-4370 LVL1-SFP-4370 Datasheet
105Kb / 1P
simplex LC connector
SFP-4380 LVL1-SFP-4380 Datasheet
104Kb / 1P
simplex LC connector
logo
PHOENIX CONTACT
FOC-FDX20-PP-LCD6-OM4-PT9 PHOENIX-FOC-FDX20-PP-LCD6-OM4-PT9 Datasheet
102Kb / 8P
DIN rail splice box, fully mounted ready to splice, for 6x LC duplex (OM4)
FOC-FDX20-PP-LCQ6-OM4-PT9 PHOENIX-FOC-FDX20-PP-LCQ6-OM4-PT9 Datasheet
65Kb / 3P
DIN rail splice box, fully mounted ready to splice, for 12x LC duplex (OM4)
1418817 PHOENIX-1418817 Datasheet
232Kb / 5P
Splice box - FOC-SB-FRAME-19-LC:12-OM4 BK
02/04/2022
logo
Belden Inc.
AX105236-B25 BELDEN-AX105236-B25 Datasheet
214Kb / 2P
FX Brilliance OM4 LC Keyed Connector
2023 Belden, Inc
AX105252-B25 BELDEN-AX105252-B25 Datasheet
251Kb / 2P
FX Brilliance OM4 LC Erika Violet Connector
2023 Belden, Inc
AX105203-B25 BELDEN-AX105203-B25 Datasheet
176Kb / 2P
FX Brilliance OS2 LC Connector
2023 Belden, Inc
AX105253-B25 BELDEN-AX105253-B25 Datasheet
217Kb / 2P
FX Brilliance OM4 SC Erika Violet Connector
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com