Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

154.044 Datasheet(PDF) 3 Page - France Joint

Part # 154.044
Description  ROD SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

154.044 Datasheet(HTML) 3 Page - France Joint

  154.044 Datasheet HTML 1Page - France Joint 154.044 Datasheet HTML 2Page - France Joint 154.044 Datasheet HTML 3Page - France Joint 154.044 Datasheet HTML 4Page - France Joint 154.044 Datasheet HTML 5Page - France Joint 154.044 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.francejoint.com
R2
L1
R1
C
|
|
INSTALLATION DIMENSIONS
Rod
diameter
Ød1 f8/h9
Groove diameter
Groove width
Radial section
O’Ring
cross-section
BECA 150
Standard range
BECA 152
Light range
BECA 154
Heavy-duty range
ØD1 H9
L1 0/+0.20
S
Ød2
3.0 - 7.9
8.0 - 18.9
---
d1 + 4.90
2.20
2.45
1.78
8.0 - 18.9
19.0 - 37.9
---
d1 + 7.30
3.20
3.65
2.62
19.0 - 37.9
38.0 - 199.9
8.0 - 18.9
d1 + 10.70
4.20
5.35
3.53
38.0 - 199.9
200.0 - 255.9
19.0 - 37.9
d1 + 15.10
6.30
7.55
5.33
200.0 - 255.9
256.0 - 649.9
38.0 - 199.9
d1 + 20.50
8.10
10.25
6.99
256.0 - 649.9
650.0 - 999.9
200.0 - 255.9
d1 + 24.00
8.10
12.00
6.99
650.0 - 999.9
1000.0 - 1200.0
256.0 - 649.9
d1 + 27.30
9.50
13.65
8.40
1000.0 - **
---
650.0 - 999.9
d1 + 38.00
13.80
19.00
12.00
For special applications > 40 MPa, we recommend using an H8/f8 tolerance (groove/rod) or selecting other, more suitable materials. Please
contact our experts.
* The codes that define the materials are set out in the materials table on the previous page.
|
|
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Friction ring, PTFE + 60% Bronze - Code DB
________________ : NBR 70 Shore A O'Ring - Code K6
Rod diameter _____ : Ød1 = 50.00 mm
Groove diameter __ : ØD1 = 65.10 mm
Part number______ : 150. 050DBK6
Family
Rod diameter
Friction ring material*
O'Ring material*
150.
050
DB
K6
Part number -
HYDRAULIC SEALS | ROD SEALS |
BECA 150 - 152 - 154



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com