Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD040N03LF2S Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPD040N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD040N03LF2S Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPD040N03LF2S Datasheet HTML 3Page - Infineon Technologies AG IPD040N03LF2S Datasheet HTML 4Page - Infineon Technologies AG IPD040N03LF2S Datasheet HTML 5Page - Infineon Technologies AG IPD040N03LF2S Datasheet HTML 6Page - Infineon Technologies AG IPD040N03LF2S Datasheet HTML 7Page - Infineon Technologies AG IPD040N03LF2S Datasheet HTML 8Page - Infineon Technologies AG IPD040N03LF2S Datasheet HTML 9Page - Infineon Technologies AG IPD040N03LF2S Datasheet HTML 10Page - Infineon Technologies AG IPD040N03LF2S Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
StrongIRFET™ 2 Power‑Transistor, 30 V
IPD040N03LF2S
Public
Datasheet
7
Revision 1.0
https://www.infineon.com
2024‑09‑20
4   Electrical characteristics diagrams
Diagram 1: Power dissipation
Diagram 2: Drain current
P =f( )
T
I =f( );  ≥10 V
T V
Diagram 3: Safe operating area
Diagram 4: Max. transient thermal impedance
I =f( );  =25 °C;  =0; parameter: 
V
T
D
t
Z =f( ); parameter:  = /
t
D t T
tot
C
D
C
GS
D
DS
C
p
thJC
p
p
0
25
50
75
100
125
150
175
200
TC [°C]
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
175
200
TC [°C]
0
10
20
30
40
50
60
70
80
10 1
100
101
102
VDS [V]
10 1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10 6
10 5
10 4
10 3
10 2
10 1
100
tp [s]
10 2
10 1
100
101
single pulse
0.01
0.02
0.05
0.1
0.2
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com