Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS05015SH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SS05015SH
Description  Schottky Barrier Diode 15V, 0.5A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS05015SH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SS05015SH Datasheet HTML 1Page - Sanyo Semicon Device SS05015SH Datasheet HTML 2Page - Sanyo Semicon Device SS05015SH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS05015SH
No.7719-2/3
Package Dimensions
Electrical Connection
unit : mm
7028-001
trr Test Circuit
Duty
≤10%
50
Ω
100
Ω
10
Ω
--5V
trr
10
µs
1.6
0.5
0.2
0.2
1
3
2
64
5
1 : Cathode
2 : Cathode
3 : No Contact
4 : Anode
5 : Cathode
6 : Cathode
SANYO : SCH6
0
0
0.1
0.3
0.2
0.1
0.25
0.15
0.05
0.2
0.6
0.5
0.4
0.3
IT08178
(1)
(2)
(4) (3)
C -- VR
IR -- VR
PF(AV) -- IO
IF -- VF
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Average Output Current, IO -- A
Reverse Voltage, VR -- V
IT06807
1.0
10
2
2
3
5
5
10
7
7
35
7
2
3
f=1MHz
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
0
1.0
0.1
0.01
0.3
0.4
0.1
0.2
7
5
3
2
7
5
3
2
0.6
0.5
IT07927
θ
360
°
Rectangular wave
180
°
360
°
Sine wave
IT10260
0
1.0
2
5
3
7
2
3
10
5
3
7
2
100
5
3
7
2
1000
5
3
7
2
10000
510
20
15
Ta=125°C
25°C
50°C
75°C
100°C
1
2
3
6
5
4
1 : Cathode
2 : Cathode
3 : No Contact
4 : Anode
5 : Cathode
6 : Cathode
Topview



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com