Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC270 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC270
Description  Diffused Junction Type Silicon Diode Varactor Diode for FM Receiver Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC270 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC270 Datasheet HTML 1Page - Sanyo Semicon Device SVC270 Datasheet HTML 2Page - Sanyo Semicon Device SVC270 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC270
No. A0076-1/3
Features
•
Twin type varactor diode having an excellent large input characteristic, for use in FM electronic tuning applications.
•
Small MCPH package permits SVC270-applied sets to be compact and slim.
•
Possible to be shipped in tape reel packaging, which facilitates automatic insertion.
•
High Q.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance*1
C2.0V
VR=2.0V, f=1MHz
44.0
46.5
pF
C8.0V
VR=8.0V, f=1MHz
25.1
28.2
pF
Quality Factor
Q
VR=3.0V, f=100MHz
100
Capacitance Ratio
CR
C2.0V / C8.0V
1.65
1.75
Matching Tolerance*2
∆Cm
VR=2.0V, f=1MHz (Cmax--Cmin) / Cmin!100
2.5
%
Marking : V4
Note)*1 : Capacitance value per each diode.
*2 : Matching Tolerance is valid for the devices in one taping reel.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0076
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
91505VR MS IM TB-00001761
SVC270
Diffused Junction Type Silicon Diode
Varactor Diode for FM Receiver Electronic
Tuning Applications


Similar Part No. - SVC270

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC270 SANYO-SVC270 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC270 ONSEMI-SVC270 Datasheet
332Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC270-TL-E SANYO-SVC270-TL-E Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC270-TL-E ONSEMI-SVC270-TL-E Datasheet
332Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
List of Unclassifed Man...
SVC270D-05B ETC1-SVC270D-05B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC270

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC707 SANYO-SVC707 Datasheet
23Kb / 3P
Silicon Diffused Junction Type FM Receiver Electronic Tuning Applications
SVC720 SANYO-SVC720 Datasheet
87Kb / 4P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC203C SANYO-SVC203C_09 Datasheet
50Kb / 4P
Diffused Junction Type Silicon Diode Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270_09 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_09 Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_12 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com