Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC389 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC389
Description  Hyper-Abrupt Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC389 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC389 Datasheet HTML 1Page - Sanyo Semicon Device SVC389 Datasheet HTML 2Page - Sanyo Semicon Device SVC389 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC389
No. A0185-1/3
Features
•
Twin type varactor diode for AM electronic tuning use.
•
Miniaturization and high-integration of tuner sets can be easily achieved due to the small package.
•
High capacitance ratio and high quality factor.
•
Provided in a tape reel packaging.
•
Surface mount type.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Current (One diode)
IR
VR=9V
100
nA
C1V
VR=1V, f=1MHz *1
470
525
pF
Interterminal Capacitance
C6V
VR=6V, f=1MHz
50
pF
(Capacitance value of one diode)
C8V
VR=8V, f=1MHz
18
24
pF
Quality Factor
Q
VR=1V, f=1MHz
200
Capacitance Ratio
CR
C1V / C8V, f=1MHz
19.5
(Cmax--Cmin) / Cmin!100
Matching Tolerance *2
∆Cm
VR=1V, f=1MHz
1.5
%
VR=6V, f=1MHz
2.0
%
VR=8V, f=1MHz
2.0
%
Marking : V7
*1 : 1MHz signal : 20mVrms
*2 : Matching tolerance between D1 and D2
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0185
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
D0505VB MS IM TB-00001955
SVC389
Hyper-Abrupt Junction Type Silicon Composite Varactor
AM Low Voltage
Electronic Tuning Applications


Similar Part No. - SVC389

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC389 SANYO-SVC389 Datasheet
35Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC389-TL-E SANYO-SVC389-TL-E Datasheet
35Kb / 3P
AM Low Voltage Electronic Tuning Applications
More results

Similar Description - SVC389

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC352 SANYO-SVC352 Datasheet
53Kb / 3P
Composite Varactor Diode, for AM Low-Voltage Electronic Tuning
SVC354 SANYO-SVC354 Datasheet
56Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Applications
SVC371 SANYO-SVC371 Datasheet
54Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Applications
logo
Advanced Semiconductor
MV1405 ASI-MV1405 Datasheet
11Kb / 1P
Silicon Hyper-Abrupt Junction Microwave Tuning Varactor Diode
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
logo
Sanyo Semicon Device
SVC385 SANYO-SVC385 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC386 SANYO-SVC386 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC388 SANYO-SVC388 Datasheet
27Kb / 3P
Hyper-Abrupt Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC390 SANYO-SVC390 Datasheet
25Kb / 3P
Hyper-Abrupt Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com