Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 2 Page - HMS Networks.

Part # PLC
Description  Control System (PLC) to Control System (PLC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMS [HMS Networks.]
Direct Link  https://www.hms-networks.com/
Logo HMS - HMS Networks.

PLC Datasheet(HTML) 2 Page - HMS Networks.

  PLC Datasheet HTML 1Page - HMS Networks. PLC Datasheet HTML 2Page - HMS Networks.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET
Communicator
Dimensions with connectors (L x W x H)
98 x 27 x 144 mm / 3.85 x 1.06 x 5,67 in
Weight
150 grams, 0.33 lb
IP rating
IP20
Housing material
PC ABS, UL 94 VO
Mounting
DIN rail (35 * 7,5/15)
Operating temperature
-25 to 70° C,-13 to 158° F
Configuration
Web based via Ethernet configuration port
Serial connector
Serial 7-pin screw in
Industrial network connector(s)
2xRJ45 10/100 Mbit (daishy chaining) / DB9 (PROFIBUS)
Certification
CE, UKCA, UL ord loc (E214107), KC, RMC
MTBF
> 1 500 000 h, Telcordia Method I Case 3 at 30° C
Input voltage
12- 30 VDC
Current consumption
Typical: 160 mA @ 24V Max: 400 mA @ 12V
Power connector
3-pin plug with screw terminal
Protection
Reverse voltage protection and short circuit protection
General
Power
Network specifications
Modbus TCP Server
PROFINET IO Device
Ethernet/IP Adapter
- Transfer up to 1 500 bytes to Mod-
bus TCP
- Transfer up to 1 500 bytes from
Modbus TCP
- Total supported process data: 3 000
bytes
- 4 connections
- Function codes 01-06, 15-16, 23,
43/14
- Transfer up to 1 024 bytes from
PROFINET
- Transfer up to 1 024 bytes to
PROFINET
- Total supported cyclic process data:
2048 bytes
- 1 ms minimum cycle time
- Conformance class B, Real-Time (RT)
- Network load robustness, Netload
Class III
- Transfer up to 1 448 bytes to Ether-
Net/IP
- Transfer up to 1 448 bytes from
EtherNet/IP
- Total supported cyclic process data:
2896 bytes
- Class 1 and Class 3 connection for
process data
- Device Level Ring (beacon mode)
- Quick Connect class B
PROFIBUS DP Device (DPV1/DPV0)
EtherCAT SubDevice
- Transfer up to 244 bytes to PROFI-
BUS
- Transfer up to 244 bytes from PRO-
FIBUS
- Total supported process data: 488
bytes
- Automatic baud rate detection up
to 12 Mbit/s
- Sync, Freeze and Watchdog
- I&M Ident numbers 0-31x
- Transfer up to 1 486 bytes from
EtherCAT
- Transfer up to 1 486 bytes to Ether-
CAT
- Total supported process data: 2 972
bytes
- EtherCAT SubDevice according to
IEC 61158 Type 12 (ETG.1000)
- Network cycle time down to 100 μs
- Supports CANopen over EtherCAT
Website



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com