Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC704 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC704
Description  Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC704 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC704 Datasheet HTML 1Page - Sanyo Semicon Device SVC704 Datasheet HTML 2Page - Sanyo Semicon Device SVC704 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC704
No.8997-1/3
Features
•
High capacitance ratio (VR=1.0 to 7.0V).
•
Small-sized package.
•
Low series resistance.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance
C1.0V
VR=1.0V, f=1MHz
26.0
30.0
pF
C7.0V
VR=7.0V, f=1MHz
3.4
4.6
pF
Series Resistance
rs
VR=1.0V, f=470MHz
0.8
Ω
Capacitance Ratio
CR
C1.0V / C7.0V
6.0
Marking : V5
Ordering number : EN8997
82306 / 61506VC MS IM TB-00002374
SVC704
Silicon Diffused Junction Type Varactor Diode
Varactor Diode for AFC, VCO
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - SVC704

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC704 SANYO-SVC704 Datasheet
435Kb / 6P
Varactor Diode for AFC, VCO
logo
ON Semiconductor
SVC704 ONSEMI-SVC704 Datasheet
333Kb / 6P
Single Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC704-TL-E SANYO-SVC704-TL-E Datasheet
435Kb / 6P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
logo
ON Semiconductor
SVC704-TL-E ONSEMI-SVC704-TL-E Datasheet
333Kb / 6P
Single Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC704 SANYO-SVC704_09 Datasheet
435Kb / 6P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
More results

Similar Description - SVC704

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC224 SANYO-SVC224 Datasheet
19Kb / 3P
Varactor Diode for VCO
SVC251SPA SANYO-SVC251SPA Datasheet
53Kb / 3P
Varactor Diode for AFC, CB PLL
SVC252 SANYO-SVC252 Datasheet
54Kb / 3P
Varactor Diode for AFC, CB PLL
SVC270 SANYO-SVC270 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Diode Varactor Diode for FM Receiver Electronic Tuning Applications
SVC710 SANYO-SVC710 Datasheet
41Kb / 4P
Silicon Diffused Junction Type Varactor Diode for AFC, VCO
SVC720 SANYO-SVC720 Datasheet
87Kb / 4P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC704 SANYO-SVC704_09 Datasheet
435Kb / 6P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704_12 Datasheet
435Kb / 6P
Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710_12 Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
logo
M/A-COM Technology Solu...
K3313 MA-COM-K3313 Datasheet
558Kb / 2P
Silicon Hyperabrupt Junction Varactor Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com