Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3513C Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C3513C
Description  3.3 V 32K X 16 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3513C Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  AS7C3513C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3513C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3513C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3513C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3513C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3513C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3513C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3513C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3513C Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AS7C3513C
9/5/06, v 1.0
Alliance Memory
P. 6 of 9
®
Write waveform 2 (CE controlled)10,11
AC test conditions
Notes
1
During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A and B.
4
These parameters are specified with CL = 5 pF, as in Figures B. Transition is measured ± 200 mV from steady-state voltage.
5
This parameter is guaranteed, but not tested.
6WE is high for read cycle.
7CE and OE are low for read cycle.
8
Address is valid prior to or coincident with CE transition low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 N/A
11
All write cycle timings are referenced from the last valid address to the first transitioning address.
12 Not applicable.
13 C = 30 pF, except all high Z and low Z parameters where C = 5 pF.
Address
CE
LB, UB
WE
DataIN
tWC
tCW
tBW
tWP
tDW
tDH
tOW
tWZ
tWR
DataOUT
Data undefined
high Z
high Z
tAS
tAW
Data valid
tCLZ
tAH
255
Ω
C13
320
Ω
GND
+3.3 V
Figure B: 3.3 V Output load
168
Ω
Thevenin Equivalent:
DOUT
+1.728 V
10%
90%
10%
90%
GND
+3.0 V
Figure A: Input pulse
3 ns
DOUT
– Output load: see Figure B.
– Input pulse level: GND to 3.0 V. See Figure A.
– Input rise and fall times: 3 ns. See Figure A.
– Input and output timing reference levels: 1.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com