Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVD13N Datasheet(PDF) 2 Page - International Rectifier

Part # PVD13N
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVD13N Datasheet(HTML) 2 Page - International Rectifier

  PVD13N Datasheet HTML 1Page - International Rectifier PVD13N Datasheet HTML 2Page - International Rectifier PVD13N Datasheet HTML 3Page - International Rectifier PVD13N Datasheet HTML 4Page - International Rectifier PVD13N Datasheet HTML 5Page - International Rectifier PVD13N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVD13N
2
www.irf.com
INPUT CHARACTERISTICS
PVD1352N
PVD1354N
Units
Minimum Control Current (see figures 1 and 2)
DC
For 500mA Continuous Load Current
2
mA@25°C
For 550mA Continuous Load Current
5
mA@40°C
For 350mA Continuous Load Current
5
mA@85°C
Maximum Control Current for Off-State Resistance at 25°C
10
µA(DC)
Control Current Range (Caution: current limit input LED. See figure 6)
2.0 to 25
mA(DC)
Maximum Reverse Voltage
7.0
V(DC)
Electrical Specifications (-40
°C ≤ T
A ≤ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS
(PVD1352N and PVD1354N)
Units
Dielectric Strength: Input-Output
4000
VRMS
Insulation Resistance: Input-Output @ 90VDC
1012 @ 25°C - 50% RH
Ω
Maximum Capacitance: Input-Output
1.0
pF
Max. Pin Soldering Temperature (1.6mm below seating plane, 10 seconds max.)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
OUTPUT CHARACTERISTICS
PVD1352N
PVD1354N
Units
Operating Voltage Range
0 to + 100
V(PEAK)
Maxiumum Load Current 40°C I LED 5mA
550
mA(DC)
Response Time @25°C (see figures 7 and 8)
Max. T(on) @ 12mA Control, 50 mA Load, 100 VDC
150
µs
Max. T(off) @ 12mA Control, 50 mA Load, 100 VDC
125
µs
Max. On-state Resistance 25°C (Pulsed) (fig. 4) 200 mA Load, 5mA Control
1.5
Ω
Min. Off-state Resistance 25°C @ 80 VDC (see figure 5)
108
1010
Ω
Max. Thermal Offset Voltage @ 5.0mA Control
0.2
µvolts
Min. Off-State dv/dt
1000
V/µs
Typical Output Capacitance
20
pF @ 50VDC
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com