Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL63F5SA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL63F5SA
Description  InGaAlP Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QL63F5SA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL63F5SA Datasheet HTML 1Page - List of Unclassifed Manufacturers QL63F5SA Datasheet HTML 2Page - List of Unclassifed Manufacturers QL63F5SA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QL63F5SA
InGaAlP Laser Diode
2002
♦OVERVIEW
QL63F5SA is a MOCVD grown 635 nm band InGaAlP laser diode with quantum well structure.
It's an attractive light source, with a typical light output power of 10 mW for optoelectronic devices
such as Optical Leveler and Modules.
♦APPLICATION
- Optical Leveler
- Optical Module
- Bar Code Reader
♦FEATURES
- Visible Light Output:
λp = 635 nm (TM Mode)
- Optical Power Output: 10 mW CW
- Package Type: TO-18 (5.6 mm
φ)
- Built-in Photo Diode for Monitoring Laser Diode
♦ELECTRICAL CONNECTION
Bottom View
Pin Configuration


Similar Part No. - QL63F5SA

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL63F5S-ABC ROITHNER-QL63F5S-ABC Datasheet
295Kb / 5P
ingaaip laser diode
More results

Similar Description - QL63F5SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL65D6SA ETC1-QL65D6SA Datasheet
85Kb / 7P
InGaAlP Laser Diode
QL65D5SA ETC1-QL65D5SA Datasheet
32Kb / 3P
InGaAlP Laser Diode
QL65F6SA ETC1-QL65F6SA Datasheet
45Kb / 3P
InGaAlP Laser Diode
QL63D5SA ETC2-QL63D5SA Datasheet
30Kb / 3P
InGaAlP Laser Diode
logo
KODENSHI_AUK CORP.
KLB-16AYG KODENSHI-KLB-16AYG Datasheet
125Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-320O KODENSHI-KLB-320O Datasheet
145Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-520O KODENSHI-KLB-520O Datasheet
148Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-520R KODENSHI-KLB-520R Datasheet
155Kb / 2P
Light Emitting Diode(InGaAlP)
KLL-5ER KODENSHI-KLL-5ER Datasheet
155Kb / 2P
Light Emitting Diode(InGaAlP)
logo
Roithner LaserTechnik G...
QL67D6SA ROITHNER-QL67D6SA Datasheet
143Kb / 3P
InGaAlP Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com