Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCT-433-AS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RCT-433-AS
Description  Low-Cost SAW-stabilized surface mountOOK RF transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RCT-433-AS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RCT-433-AS Datasheet HTML 1Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 2Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 3Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 4Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RCT-433-AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RCT-XXX-AS
Low-Cost SAW-stabilized surface mount OOK RF transmitter
© 2001,2002,2003 All Rights Reserved
Pin Out Diagram
Pin Description
Pin No.
Pin Name
Description
1
ANT
50 ohm antenna output. The antenna port impedance affects output
power and harmonic emissions. An L-C low-pass filter may be
needed to sufficiently filter harmonic emissions.
2
GND
Transmitter ground. Connect to ground plane.
3
DATA
Digital data input. This input is CMOS compatible and should be
driven with CMOS level inputs.
4
VCC
Pin 4 provides operating voltage for the transmitter. VCC should be
bypassed with a .01uF ceramic capacitor and filtered with a 4.7uF
tantalum capacitor. Noise on the power supply will degrade
transmitter noise performance.
Mechanical Drawing
0.30”
Figure 1: Mechanical Drawing of RCT-XXX-AS
Figure 2: Suggested Pad Layout
Absolute Maximum Ratings
Parameter
Min
Max
Units
Power Supply and All Input
Pins
-0.3
+15
VDC
Storage Temperature
-50
100
°C
Soldering Temperature
(10sec)1
NA
350
°C
NOTES 1) Hand Solder Only. The Transmitter is not suitable for IR reflow or hot air soldering.
- 2 -
8/21/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com