Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR2 Datasheet(PDF) 1 Page - AIC tech Inc.

Part # ZR2
Description  Useful of 5,000 hours at 105°C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

ZR2 Datasheet(HTML) 1 Page - AIC tech Inc.

  ZR2 Datasheet HTML 1Page - AIC tech Inc. ZR2 Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
NEW!
Product Specifications
ZR2 Series
• Conform RoHS
Features
• ZR2 series has higher ripple current (ave 15%) compared
with ZR series. These features are accomplished by new
special anode foil and high reliability electrolyte.
• The vent is located in the side of the case.
Items
Specifications
Temperature range
−25℃∼ +105℃
Rated voltage
400
∼ 450V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.02CV (
μA) or 3mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard product table.
(105℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 105
℃ for 3,000 hours :
Capacitance change : Within
±20% of the initial value measured
Dissipation factor
: 200% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 105
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by
applying the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
Terminal permissible current is limited to 10Arms. (Even if
calculated the permissible ripple current with the correction
coefficient exceeds 10Arms)
Please consult us when the ripple voltage exceeds 70Vp-p.
Environmental code
Plate code
Case height code
Case dia code
Terminal code
Capacitance tolerance code
Capacitance code
Rated voltage code
(Example) ZR2 Series 400V 680
μF±20%
2G 681 M C A
WP
S7
EC
Type of
series
ZR2
Product code
Ripple current correction coefficient
Temperature (
℃)
60
70
85
105
Correction coefficient
1.9
1.7
1.4
1.0
Frequency (Hz)
120
300
1K
≧10K
Correction coefficient
1.0
1.3
1.5
1.6
Dimensions
ZR
→
ZR2
P.114 High-ripple current
10
±1
φD±1
4.0
±1L±2
Snap Lock Terminal
PET Sleeve
Case vent
Plate less
2-claw short terminal (Terminal code : C)
φD±1
PET Sleeve
(Unit : mim)
(Unit : mim)
Case vent
Plate less
Snap Lock Terminal
BLANK terminals
4-claw terminal (Terminal code : S)
BLANK terminals
L
±2
6.3
±1
Refer to page 118-119 for other terminal shape available on request.


Similar Part No. - ZR2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
logo
Zetex Semiconductors
ZR2431C01 ZETEX-ZR2431C01 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR2431C01 DIODES-ZR2431C01 Datasheet
109Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
ZR2431C01 DIODES-ZR2431C01 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
More results

Similar Description - ZR2

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
DH AICTECH-DH Datasheet
62Kb / 2P
Useful of 5,000 hours at 105ºC
GXR3 AICTECH-GXR3 Datasheet
66Kb / 2P
Useful of 8,000 hours at 105ºC
HCGHA AICTECH-HCGHA Datasheet
72Kb / 3P
Useful of 4,000 hours at 105ºC
HXA AICTECH-HXA Datasheet
65Kb / 2P
Useful of 20,000 hours at 85ºC
RIDOHL AICTECH-RIDOHL Datasheet
817Kb / 3P
Useful of 5,000 hours at 105ºC
ZL AICTECH-ZL Datasheet
90Kb / 4P
Useful of 5,000 hours at 105ºC
ZLR AICTECH-ZLR Datasheet
67Kb / 2P
Useful of 5,000 hours at 105ºC
ZR AICTECH-ZR Datasheet
67Kb / 2P
Useful of 5,000 hours at 105ºC
VFLR AICTECH-VFLR Datasheet
86Kb / 3P
Useful of 8,000 hours at 85ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com