Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

310 Datasheet(PDF) 1 Page - France Joint

Part # 310
Description  PISTON/ROD SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

310 Datasheet(HTML) 1 Page - France Joint

  310 Datasheet HTML 1Page - France Joint 310 Datasheet HTML 2Page - France Joint 310 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The BECA 310 profile is a U-ring
type single acting compact rod/
piston seal with matching lips and
made of a very dense polyurethane
body. It can be assembled in a groove
according to standard ISO 5597.
ADVANTAGES
Good sealing at both high
and low pressures
Excellent abrasion resistance
APPLICATIONS
Mobile hydraulics
Material handling - Lifting
Presses
Hydraulic cylinders
MATERIALS
PU 93 Shore A - Blue
PU 96 Shore A - Blue
High temp. PU 96 Shore A - Beige
Other grades of materials are available.
Please contact our experts.
|
TECHNICAL DATA
Temperature
-30°C / +110°C
Pressure
40 MPa
Speed
0.5 m/sec
Media
Mineral hydraulic oils
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
EXTRUSION GAPS
Bore diameter ØD1
Rod diameter Ød1
Radial gap
F/2
≤ 5 MPa
≤ 10 MPa
≤ 20 MPa
≤ 30 MPa
≤ 40 MPa
≤ 60 mm
0.40
0.30
0.20
0.15
0.10
> 60 mm
0.50
0.40
0.30
0.20
0.15
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
3.00
0.40
0.60
2.50
4.00
0.40
0.60
2.50
5.00
0.40
0.60
2.50
7.50
0.80
1.00
4.00
PISTON/ROD SEALS
BECA 310
HYDRAULIC SEALS | PISTON/ROD SEALS |
BECA 310


Similar Part No. - 310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
310 ETC1-310 Datasheet
50Kb / 1P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
DB Lectro Inc
310 DBLECTRO-310 Datasheet
382Kb / 1P
SCREW TYPE SERIES
logo
Mill-Max Mfg. Corp.
310 MILL-MAX-310 Datasheet
199Kb / 1P
INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
logo
Intronics Power, Inc.
310 INTRONICS-310 Datasheet
984Kb / 5P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
List of Unclassifed Man...
310 ETC2-310 Datasheet
933Kb / 1P
Four wire Kelvin lead measurements
More results

Similar Description - 310

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DPZ-10-25-P-A-KF FESTO-DPZ-10-25-P-A-KF Datasheet
96Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-KF-S2 FESTO-DPZ-10-25-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-S2 FESTO-DPZ-10-25-P-A-S2 Datasheet
88Kb / 1P
Dual piston rod cylinder
DPZ-10-40-P-A-S2 FESTO-DPZ-10-40-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-10-50-P-A-S2 FESTO-DPZ-10-50-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-10-P-A-KF FESTO-DPZ-16-10-P-A-KF Datasheet
95Kb / 1P
Dual piston rod cylinder
DPZ-16-10-P-A-S2 FESTO-DPZ-16-10-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-25-P-A-S2 FESTO-DPZ-16-25-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-50-P-A-KF-S2 FESTO-DPZ-16-50-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-20-10-P-A-KF-S2 FESTO-DPZ-20-10-P-A-KF-S2 Datasheet
88Kb / 1P
Dual piston rod cylinder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com