Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4710 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4710
Description  FM Radio Transmitter for Portable Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4710 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4710 Datasheet HTML 1Page - Silicon Laboratories SI4710 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FM Tuner
Copyright © 2007 by Silicon Laboratories
1.8.07
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si4710/11
FM Radio Transmitter for Portable Applications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Transmit Frequency Range
fRF
76
108
MHz
Programmable Transmit Output Voltage,
TXO (Maximum Voltage)
115
dBµV
Programmable Transmit Output Voltage,
TXO (Minimum Voltage)
83
dBµV
Transmit Voltage Stability
–1
1
dB
Transmit Voltage Step
1
2
dB
Transmit Channel Edge Power
–20
dBC
Transmit Adjacent Channel Power
–30
–26
dBC
Pre-emphasis Time Constant
FMPE[1:0] = 00
70
75
80
us
FMPE[1:0] = 01
45
50
54
us
Audio SNR
63
dB
Audio THD
0.1
0.5
%
Audio Stereo Separation
30
35
dB
Sub Carrier Rejection Ratio
SCR
–50
–40
dB
Input Signal Level (0 dB)
VAI
0.6 VRMS input,
VIO = 1.8 V
0.636
Vpk
Audio Bandwidth (3 dB)
20
15 K
Hz
Audio Imbalance
–1
1
dB
Powerup Settling Time
From powerdown
110
ms
Selected Electrical Specifications
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 RIN
DFS
DIN
GND
RST
NC
TXO
VDD
NC
RFGND
Package Information
Symbol
Millimeters
Symbol
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
f
2.53 BSC
A1
0.00
0.02
0.05
L
0.35
0.40
0.45
b
0.20
0.25
0.30
L1
0.00
0.10
c
0.27
0.32
0.37
aaa
0.05
D
3.00 BSC
bbb
0.05
D2
1.65
1.70
1.75
ccc
0.08
e
0.50 BSC
ddd
0.10
E
3.00 BSC
eee
0.10
E2
1.65
1.70
1.75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com