Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7057 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # AS7057
Description  Biosignal Converting Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7057 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button AS7057 Datasheet HTML 4Page - OSRAM GmbH AS7057 Datasheet HTML 5Page - OSRAM GmbH AS7057 Datasheet HTML 6Page - OSRAM GmbH AS7057 Datasheet HTML 7Page - OSRAM GmbH AS7057 Datasheet HTML 8Page - OSRAM GmbH AS7057 Datasheet HTML 9Page - OSRAM GmbH AS7057 Datasheet HTML 10Page - OSRAM GmbH AS7057 Datasheet HTML 11Page - OSRAM GmbH AS7057 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Document Feedback
AS7057
Electrical Characteristics
Short Datasheet
• PUBLIC
DS001053
• v1-00 • 2022-May-10
13
│ 7
4
Electrical Characteristics
All limits are guaranteed at an ambient temperature of 25 °C. The parameters with Min and Max
values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Figure 4:
Electrical Characteristics of AS7057
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
1.7
1.8
1.98
V
IVDD
Supply current in
power down mode
1.1
µA
Supply current in
idle mode
2.92
µA
Supply current
PPG ADC active
One subsample, one
modulator @25 SpS;
enabled Stand-by
Mode
10
60
µA
fSampling
Sampling
frequency
0.5
25
1000
Hz
Photodiode
IOS
DAC offset current
full scale range
FSR 0
1
µA
FSR 1
2
FSR 2
4
FSR 3
8
FSR 4
16
FSR 5
32
FSR 6
64
FSR 7
128
CPD
Total photodiode
capacitance
connected to
PPG_ADC
0 V reserve voltage
60
300
pF
IPD
Photo current input
(∑ signal range 1 µA-
64 µA)
0
64
µA
LED Driver
VLED
LED pad voltage
5
V
LED Driver 1-3
ILED
Allowed operating
LED output current
200.00
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com