Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3-P1.5R Datasheet(PDF) 21 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button C3-P1.5R Datasheet HTML 17Page - OSRAM GmbH C3-P1.5R Datasheet HTML 18Page - OSRAM GmbH C3-P1.5R Datasheet HTML 19Page - OSRAM GmbH C3-P1.5R Datasheet HTML 20Page - OSRAM GmbH C3-P1.5R Datasheet HTML 21Page - OSRAM GmbH C3-P1.5R Datasheet HTML 22Page - OSRAM GmbH C3-P1.5R Datasheet HTML 23Page - OSRAM GmbH C3-P1.5R Datasheet HTML 24Page - OSRAM GmbH C3-P1.5R Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
21 / 53
/
Figure 19: Device shutdown and wakeup
In shutdown mode once pin SCL goes high for the first time, the internal counter shown in
Figure 20 is immediately reset thus releasing the internal RESET (assuming VIN is above
VUVLO) signal and allows instant communication on the I²C bus. Therefore, no additional action
is required to leave the shutdown mode and start I²C communication.
Purpose of this circuit
The purpose of this circuit is an additional security mechanism.
Assume the user indicator operation (there is no timeout for these operating modes) and the
battery slowly drops below the undervoltage limit of the system. The processor would get a
reset by the PMIC and the LDO operating VDD_I/F is switched off, but the processor might not
have been able to switch-off the indicator operation of the AS1170. Due to the implemented
security mechanism the AS1170 detects a power off of VDD_I/F and automatically enters
shutdown.
7.5.5
Current consumption in standby/shutdown mode
The AS1170 is designed to draw minimum current in standby and shutdown mode. There is a
small difference in current consumption between these two operating modes (typ. 300 nA) only
due to the internal level shifters (see the Schmitt trigger input buffers connected to SCL and
SDA for shifting up the voltage on SCL/SDA (VDD_I/F e.g. 1.8 V) to the supply voltage on VIN
(e.g. 3.7 V). If the AS1170 is driven with digital levels close to 0 V/VIN, the current consumption
for standby mode is identical to shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com