Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1763 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1763
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 38Page - Analog Devices ADP1763 Datasheet HTML 39Page - Analog Devices ADP1763 Datasheet HTML 40Page - Analog Devices ADP1763 Datasheet HTML 41Page - Analog Devices ADP1763 Datasheet HTML 42Page - Analog Devices ADP1763 Datasheet HTML 43Page - Analog Devices ADP1763 Datasheet HTML 44Page - Analog Devices ADP1763 Datasheet HTML 45Page - Analog Devices ADP1763 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
42 of 62
Calculating Junction Temperature
Example: Given an output voltage of 1.2V, input voltage of 1.5V, and BIAS voltage of 5V, output ranges from 10mA to
3A, and a maximum ambient temperature of 50°C, what is the maximum junction temperature?
The LT3074’s power dissipation is:
IOUT(MAX) × (VIN – VOUT) + IGND × VBIAS
where: IOUT(MAX) = 3A; VBIAS = 5V; IGND (at VBIAS = 5V and IOUT = 3A) = 5mA
thus, PDISS = 3A × (1.5V – 1.2V) + 5mA × 5V = 0.925W
When a 3mm × 4mm 4-layer LQFN package is used, the thermal resistance is in the range of 30°C/W to 36°C/W. Note
that the θJA numbers vary beyond the 30°C/W to 36°C/W depending on board composition and layout. Considering a
θJA value of 33°C/W, the junction temperature rise above the ambient approximately equals:
0.925W × 33°C/W = 30.525°C
The maximum junction temperature equals the maximum ambient temperature plus the maximum junction
temperature rise above ambient:
TJMAX = 50°C + 30.525°C = 80.525°C
Protection Features
The LT3074 incorporates internal current limit and thermal shutdown protection features. The internal current of
the LT3074 typically clamps the output current to 4.5A. The die junction temperature can exceed the 125°C maximum
operating temperature if the ambient temperature is high. If this occurs, the LT3074 relies on an internal thermal
safety feature (thermal shutdown). Typically, at 168°C, the LT3074 thermal shutdown engages, and the output is shut
down until the temperature falls below its thermal hysteresis limit.
Serial Bus Addressing
The LT3074 responds to PMBus global addresses of 7’h00 (general call address) and 7’h0C (SMBus alert response
address). In addition, the ASEL pin allows the user to program 16 unique addresses for the LT3074. The three most
significant bits (MSBs) of the 7-bit address are hardwired to 3’b110. A ±1% resistor divider from BIASAF, ASEL, and
AGND sets the lower 4 bits of the 7-bit address. Table 10 gives the recommended values of the resistors to be used
for programming the corresponding address.
The LT3074 also supports the MFR_RAIL_ADDRESS register that allows the user to program a common address for
all devices connected on a rail. The lower seven bits of the MFR_RAIL_ADDRESS register set the address to be used
for communication and the MSB acts as the enable bit for this address. The rail address is enabled when the MSB of
the MFR_RAIL_ADDRESS is set to 0 and disabled when the bit is set to 1. By default, the MSB of the
MFR_RAIL_ADDRESS register is set to 1 and the lower 7 bits of this register are set to 7’h00. The MFR_RAIL_ADDRESS
should only be used to write data to device registers connected on a shared rail. If the MFR_RAIL_ADDRESS is used
to read data from the registers, data corruption is possible if all devices do not respond with the same data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com