Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1765 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1765
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1765 Datasheet HTML 20Page - Analog Devices ADP1765 Datasheet HTML 21Page - Analog Devices ADP1765 Datasheet HTML 22Page - Analog Devices ADP1765 Datasheet HTML 23Page - Analog Devices ADP1765 Datasheet HTML 24Page - Analog Devices ADP1765 Datasheet HTML 25Page - Analog Devices ADP1765 Datasheet HTML 26Page - Analog Devices ADP1765 Datasheet HTML 27Page - Analog Devices ADP1765 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
24 of 62
Figure 58. IN Pin PSRR
Figure 59. BIAS Pin PSRR
Figure 60. BIAS Pin PSRR
Figure 61. BIAS Pin PSRR
Figure 62. Noise Spectral Density
Figure 63. Noise Spectral Density
VOUT = 4.2V
ILOAD = 3A
VIN = 4.5V
VBIAS = 5.4V
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
VOUT = 1V
VIN = 1.3V
VBIAS = 5V
COUT = 22µF
CBIASAF = 2.2µF
ILOAD = 3A
ILOAD = 2A
ILOAD = 1A
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
VOUT = 0.5V
ILOAD = 3A
VIN = 0.8V
VBIAS = 2.45V
COUT = 22µF
BIASAF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
VOUT = 4.2V
ILOAD = 3A
VIN = 4.5V
VBIAS = 5.4V
COUT = 22µF
CBIASAF = 2.2µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
CSETCAP = 4.7µF
COUT = 22µF
VIN = 1.3
VOUT = 1V
VBIAS = 3.3V
ILOAD = 10mA
ILOAD = 0.5A
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
400
ILOAD = 3A
COUT = 22µF
VIN = 1.3
VOUT = 1V
VBIAS = 3.3V
CSETCAP = 0.1µF
CSETCAP = 0.47µF
CSETCAP = 1µF
CSETCAP = 4.7µF
CSETCAP = 10µF
CSETCAP = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com