Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AC Datasheet(PDF) 21 Page - Analog Devices

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8610AC Datasheet HTML 17Page - Analog Devices LT8610AC Datasheet HTML 18Page - Analog Devices LT8610AC Datasheet HTML 19Page - Analog Devices LT8610AC Datasheet HTML 20Page - Analog Devices LT8610AC Datasheet HTML 21Page - Analog Devices LT8610AC Datasheet HTML 22Page - Analog Devices LT8610AC Datasheet HTML 23Page - Analog Devices LT8610AC Datasheet HTML 24Page - Analog Devices LT8610AC Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
21 of 31
∆IL =
VOUT
L × fSW
(1 −
VOUT
VIN(MAX)
)
where, fSWis the switching frequency of the LT8615, and L is the value of the inductor. Therefore, the maximum output
current the LT8615 delivers depends on minimum the switch current limit, the inductor value, and the input and
output voltages. The inductor value may have to be increased if the inductor ripple current does not allow sufficient
maximum output current (IOUT(MAX)) given the switching frequency, and maximum input voltage used in the desired
application.
The optimum inductor for a given application may differ from the one indicated by this design guide. A larger value
inductor provides a higher maximum load current and reduces the output voltage ripple. For applications requiring
smaller load currents, the value of the inductor may be lower and the LT8615 may operate with higher ripple current.
This allows use of a physically smaller inductor, or one with a lower DCR resulting in higher efficiency. Be aware that
low inductance may result in discontinuous mode operation, which further reduces maximum load current.
For more information about maximum output current and discontinuous operation, refer to Application Note 44:
LT1074/LT1076 Design Manual.
For duty cycles greater than 50% (VOUT/VIN > 0.5), a minimum inductance is required to avoid sub-harmonic
oscillation. Refer to Application Note 19: LT1070 Design Manual for more details.
LMIN =
VIN × (2 × DC – 1)
1.5 × fSW
where, DC is the duty cycle ratio (VOUT/VIN) and fSW is the switching frequency.
Input Capacitor
Bypass the input of the LT8615 circuit with a ceramic capacitor of X7R or X5R type. Y5V types have poor performance
over temperature and applied voltage, and should not be used. A 4.7μF to 10μF ceramic capacitor is adequate to
bypass the LT8615 and easily handles the ripple current. Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be necessary. This can be provided with a low performance
electrolytic capacitor.
Step-down regulators draw current from the input supply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage ripple at the LT8615 and to force this very high frequency
switching current into a tight local loop, minimizing the EMI. A 4.7μF capacitor is capable of this task, but only if it is
placed close to the LT8615 (see the PCB Layout section). A second precaution regarding the ceramic input capacitor
concerns the maximum input voltage rating of the LT8615. A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank circuit. If the LT8615 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly exceeding the LT8615’s voltage rating. This situation is
easily avoided (refer to Application Note 88: Ceramic Input Capacitors Can Cause Overvoltage Transients).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along with the inductor, it filters the square wave generated by the
LT8615 to produce the DC output. In this role it determines the output ripple; thus, low impedance at the switching
frequency is important. The second function is to store energy to satisfy transient loads and stabilize the LT8615’s
control loop. Ceramic capacitors have very low equivalent series resistance (ESR) and provide the best ripple
performance. A good starting value is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com